Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 3Page - Analog Devices ADPL74101 Datasheet HTML 4Page - Analog Devices ADPL74101 Datasheet HTML 5Page - Analog Devices ADPL74101 Datasheet HTML 6Page - Analog Devices ADPL74101 Datasheet HTML 7Page - Analog Devices ADPL74101 Datasheet HTML 8Page - Analog Devices ADPL74101 Datasheet HTML 9Page - Analog Devices ADPL74101 Datasheet HTML 10Page - Analog Devices ADPL74101 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
7 of 49
(Specifications are at TJ = -40°C to +125°C for the minimum and maximum values, TA = 25°C for the typical values,
VIN = 12V, RUN = 12V, VPRG = Floating, EXTVCC = 0V, DRVSET = 0V, DRVUV = 0V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Maximum Duty Factor
for TG
Output in dropout, VFREQ = 0V
99
%
INTVCC Low-Dropout (LDO) Linear Regulators
INTVCC Voltage for VIN
and EXTVCC LDOs
EXTVCC = 0V for VIN LDO,
EXTVCC = 12V for EXTVCC LDO
DRVSET = INTVCC
DRVSET = 0V
DRVSET = 64.9kΩ
5.2
4.8
4.5
5.5
5.0
4.75
5.7
5.2
5.0
V
V
V
DRVCC Load Regulation
DRVCC load current (Icc) = 0mA to
100mA,
TA = 25°C
1
3
%
Undervoltage Lockout
UVLO
DRVCC Rising
DRVUV = INTVCC
DRVUV = 0V
DRVUV = Floating
DRVCC Falling
DRVUV = INTVCC
DRVUV = 0V
DRVUV = floating
4.8
3.6
4.2
4.55
3.4
4.0
5.0
3.8
4.4
4.75
3.6
4.18
5.2
4.0
4.6
4.95
3.8
4.4
V
V
V
V
V
V
EXTVCC LDO
Switchover Voltage
EXTVCC Rising
DRVUV = INTVCC or Floating, TA = 25°C
DRVUV = 0V, TA = 25°C
5.75
4.6
5.95
4.76
6.15
4.9
V
V
EXTVCC LDO
Switchover Hysteresis
EXTVCC Falling
DRVUV = INTVCC or Floating
DRVUV = 0V
390
220
mV
mV
Spread Spectrum Oscillator and Phase-Locked Loop
Fixed Frequencies
fOSC
PLLIN/SPREAD = 0V
FREQ Voltage (VFREQ)= 0V, TA = 25°C
FREQ = 374kΩ
FREQ = 75kΩ, TA = 25°C
320
450
370
100
500
420
550
kHz
kHz
kHz
Synchronizable
Frequency Range
fSYNC
PLLIN/SPREAD = External Clock
0.1
1
MHz
PLLIN Input High Level
2.2
V
PLLIN Input Low Level
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com