Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 4Page - Analog Devices ADPL74101 Datasheet HTML 5Page - Analog Devices ADPL74101 Datasheet HTML 6Page - Analog Devices ADPL74101 Datasheet HTML 7Page - Analog Devices ADPL74101 Datasheet HTML 8Page - Analog Devices ADPL74101 Datasheet HTML 9Page - Analog Devices ADPL74101 Datasheet HTML 10Page - Analog Devices ADPL74101 Datasheet HTML 11Page - Analog Devices ADPL74101 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
8 of 49
(Specifications are at TJ = -40°C to +125°C for the minimum and maximum values, TA = 25°C for the typical values,
VIN = 12V, RUN = 12V, VPRG = Floating, EXTVCC = 0V, DRVSET = 0V, DRVUV = 0V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Spread Spectrum
Frequency Range
(Relative to fOSC)
PLLIN/SPREAD = INTVCC
Minimum Frequency
Maximum Frequency
0
20
%
%
PGOOD Outputs
PGOOD Voltage Low
PGOOD = 2mA, TA = 25°C
0.2
0.4
V
PGOOD Leakage
Current
PGOOD = 5V, TA = 25°C
-1
0
+1
µA
PGOOD Trip Level (VFB
with Respect to Set
Regulated Voltage)
TA = 25°C
VFB Rising
Hysteresis
VFB Falling
Hysteresis
7
-13
10
1.6
-10
1.6
13
-7
%
%
%
%
PGOOD Delay for
Reporting a Fault
25
µs
.
1
This specification is not tested in production.
2
The ADPL74101 is tested in a feedback loop that servos VITH to a specified voltage and measures the resultant
VFB.
3
SENSE− bias current is reflected to the input supply by the formula IVIN = ISENSE− × VOUT/(VIN × η), where η is the
efficiency.
4
Rise and fall times are measured using 10% and 90% levels. Delay times are measured using 50% levels.
5
The minimum on-time condition specified for inductor peak-to-peak ripple current is >40% of the maximum
load current (IMAX). See the Minimum On-Time Considerations section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com