Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 23 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 19Page - Analog Devices ADPL74101 Datasheet HTML 20Page - Analog Devices ADPL74101 Datasheet HTML 21Page - Analog Devices ADPL74101 Datasheet HTML 22Page - Analog Devices ADPL74101 Datasheet HTML 23Page - Analog Devices ADPL74101 Datasheet HTML 24Page - Analog Devices ADPL74101 Datasheet HTML 25Page - Analog Devices ADPL74101 Datasheet HTML 26Page - Analog Devices ADPL74101 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
23 of 49
APPLICATIONS INFORMATION
Use Cases
Figure 1 is a simplified ADPL74101 application circuit. External component selection is largely driven by the load
requirements and begins with selecting the inductor, current-sense components, operating frequency, and light-
load operating mode. The remaining power stage components, consisting of the input and output capacitors and
power FETs, can then be chosen. Next, feedback resistors are selected to set the desired output voltage. Then, the
remaining external components are selected, inluding soft start, biasing, and loop compensation.
Inductor Value Calculation
The operating frequency and inductor selection are interrelated in that higher operating frequencies allow the use
of smaller inductor and capacitor values. A higher frequency generally results in lower efficiency because of FET
switching and gate charge losses. In addition to this trade-off, the effect of the inductor value on ripple current and
low-current operation must also be considered. The inductor value directly affects the ripple current.
The maximum average inductor current (IL(MAX)) is equal to the maximum output current. The peak current is equal to
the average inductor current plus half of the inductor ripple current (ΔIL), which decreases with higher inductance (L)
or higher frequency (f) and increases with higher VIN, as shown in Equation 1:
∆IL =
1
f × L
VOUT (1 −
VOUT
VIN
)
(1)
Accepting larger values of ΔIL allows the use of low inductances, but results in higher output-voltage ripple and
greater core losses. A reasonable starting point for setting ripple current is ΔIL = 0.3 × IL(MAX). The maximum ΔIL occurs
at the maximum input voltage.
The inductor value also has secondary effects. The transition to Burst Mode operation begins when the average
inductor current required results in a peak current below 25% of the current limit determined by RSENSE. Lower
inductor values (higher ΔIL) cause this transition to occur at lower load currents, which can cause a dip in efficiency
in the upper range of low-current operation. In Burst Mode operation, lower inductance values cause the burst
frequency to decrease.
Inductor Core Selection
When the value for higher inductance (L) is known, select the type of inductor. High-efficiency regulators generally
cannot afford the core loss found in low-cost powdered iron cores, forcing the use of more expensive ferrite or
molypermalloy cores. Actual core loss is independent of core size for a fixed inductor value, but it is dependent on
the inductance value selected. As inductance increases, core losses decrease. However, because increased
inductance requires more turns of wire, copper losses increase.
Ferrite designs have low core loss and are preferred for high switching frequencies. Therefore, design goals can
concentrate on copper loss and preventing saturation. Ferrite core material saturates hard, meaning inductance
collapses abruptly when the peak design current is exceeded. This collapse results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do not allow the core to saturate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com