Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 30 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 26Page - Analog Devices ADPL74101 Datasheet HTML 27Page - Analog Devices ADPL74101 Datasheet HTML 28Page - Analog Devices ADPL74101 Datasheet HTML 29Page - Analog Devices ADPL74101 Datasheet HTML 30Page - Analog Devices ADPL74101 Datasheet HTML 31Page - Analog Devices ADPL74101 Datasheet HTML 32Page - Analog Devices ADPL74101 Datasheet HTML 33Page - Analog Devices ADPL74101 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
30 of 49
Both FETs have I2R losses (I2R is the power loss equation of the FETs), whereas the main N-channel equations include
an additional term for transition losses, which are highest at high input voltages. For VIN < 20 V, the high-current
efficiency generally improves with larger FETs. However, for VIN > 20 V, the transition losses rapidly increase, so that
using a higher RDS(ON) device with lower CMILLER provides higher efficiency. The synchronous FET losses are greatest at
high input voltage when the top switch duty factor is low, or during a short circuit when the synchronous switch is
on close to 100% of the period.
CIN and COUT Selection
The selection of the input capacitance (CIN) is usually based on the worst-case rms current drawn through the input
network (battery, fuse, or capacitor). The highest VOUT × IOUT product needs to be used in Equation 14 to determine
the maximum rms capacitor current requirement.
In continuous mode, the source current of the top FET is a square wave with a duty cycle of VOUT/VIN. To prevent large
voltage transients, use a low effective series resistance (ESR) capacitor sized for the maximum rms current (IRMS). At
IMAX, the maximum rms capacitor current is given by Equation 14, as follows:
CIN Required IRMS
≈
IMAX
VIN
((VOUT)(VIN − VOUT))1/2
(14)
Equation 14 has a maximum at VIN = 2 VOUT, where IRMS = IOUT/2 (IOUT is the output current). This simple worst-case
condition is commonly used for design because even significant deviations do not offer much relief. Note that the
ripple current ratings of capacitor manufacturers are often based on only 2000 hours of life. This basis makes it
advisable to further derate the capacitor, or to choose a capacitor rated at a higher temperature than required.
Several capacitors can be paralleled to meet size or height requirements in the design. Due to the high operating
frequency of the ADPL74101, ceramic capacitors can also be used for CIN. Consult the manufacturer if there are any
questions.
Placing a small (0.1μF to 1μF) bypass capacitor between the ADPL74101 VIN pin and GND, close to the ADPL74101, is
also recommended. An optional 1Ω to 10Ω resistor placed between CIN and the VIN pin provides further isolation from
a noisy input supply.
The selection of the output capacitance (COUT) is driven by the ESR. Typically, once the ESR requirement is satisfied,
the capacitance is adequate for filtering. The output ripple (ΔVOUT) is approximated by Equation 15, as follows:
∆������������������������ ≈ ∆������������(������������������ +
1
8������������������������������
)
(15)
where:
f is the operating frequency.
∆
IL is the ripple current in the inductor.
The output ripple is highest at the maximum input voltage because ΔIL increases with the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com