Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 39 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 35Page - Analog Devices ADPL74101 Datasheet HTML 36Page - Analog Devices ADPL74101 Datasheet HTML 37Page - Analog Devices ADPL74101 Datasheet HTML 38Page - Analog Devices ADPL74101 Datasheet HTML 39Page - Analog Devices ADPL74101 Datasheet HTML 40Page - Analog Devices ADPL74101 Datasheet HTML 41Page - Analog Devices ADPL74101 Datasheet HTML 42Page - Analog Devices ADPL74101 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
39 of 49
Design Example
As a design example, assume the nominal input voltage (VIN(NOMINAL)) = 12V, VIN(MAX) = 22V, VOUT = 3.3V, IOUT = 20A, and
fSW = 1MHz.
Use the following steps to design an application circuit:
1.
Set the operating frequency. The frequency is not one of the internal preset values. Therefore, a resistor
from the FREQ pin to GND is required, with a value given by Equation 27, as follows:
RFREQ(in kΩ) =
37MHz
1MHz
= 37kΩ
(27)
2.
Determine the inductor value. Initially, select a value based on an inductor ripple current of 30%. To
calculate the inductor value, use Equation 28, as follows:
L =
VOUT
fSW× ∆IL
(1 −
VOUT
VIN(NOMINAL)
) = 0.4µH
(28)
The highest value of the ripple current occurs at the maximum input voltage. In this case, the ripple at VIN =
22V is 35%.
3.
Verify that the minimum on-time of 40ns is not violated. The minimum on-time occurs at VIN(MAX), as shown
in Equation 29:
tON(MIN) =
VOUT
VIN(MAX)× fSW
= 150ns
(29)
This time is sufficient to satisfy the minimum on-time requirement. If the minimum on-time is violated, the
ADPL74101 skips pulses at high input voltage, resulting in lower frequency operation and higher inductor
current ripple than desired. If undesirable, this behavior can be avoided by decreasing the frequency (with
the inductor value adjusted accordingly) to avoid operation near the minimum on time.
4.
Select the RSENSE resistor value. The peak inductor current is the maximum DC output current plus half of the
inductor ripple current, or 20A × (1 + 0.30/2) = 23A in this case. The RSENSEresistor value can then be calculated
based on the minimum value for the maximum current sense threshold (45mV for ILIM = float), given by
Equation 30, as follows:
RSENSE ≤
45mV
23A
≅ 2
mΩ
(30)
To allow for additional margin, a lower value RSENSE can be used (for example, 1.8mΩ). However, ensure that
the inductor saturation current has sufficient margin above VSENSE(MAX)/RSENSE, where the maximum value of
55mV is used for VSENSE(MAX).
5.
Select the feedback resistors. If light-load efficiency is required, high-value feedback resistors can be used
to minimize the current due to the feedback divider. However, in most applications, a feedback divider
current in the range of 10μA to 100μA or more is acceptable. For a 50μA feedback divider current, RA =
0.8V/50μA = 16kΩ. RB can then be calculated as RB = RA(3.3V/0.8V – 1) = 50kΩ.
6.
Select the FETs. The best way to evaluate FET performance in a particular application is to build and test
the circuit on the bench, facilitated by an ADPL74101 evaluation board. However, an educated guess
about the application is helpful to initially select FETs. Because this is a high-current, low-voltage
application, I2R losses are likely to dominate over transition losses for the top FET. Therefore, choose a
FET with lower RDS(ON) rather than lower gate charge to minimize the combined loss terms. The bottom
FET does not experience transition losses, and its power loss is generally dominated by I2R losses. For this
reason, the bottom FET is typically chosen to be of lower RDS(ON) and higher gate charge than the top FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com