Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 8Page - Analog Devices ADPL74101 Datasheet HTML 9Page - Analog Devices ADPL74101 Datasheet HTML 10Page - Analog Devices ADPL74101 Datasheet HTML 11Page - Analog Devices ADPL74101 Datasheet HTML 12Page - Analog Devices ADPL74101 Datasheet HTML 13Page - Analog Devices ADPL74101 Datasheet HTML 14Page - Analog Devices ADPL74101 Datasheet HTML 15Page - Analog Devices ADPL74101 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
12 of 49
6
VPRG
Output Voltage Control Pin. VPRG sets the adjustable output mode using external
feedback resistors or the fixed 12V or 5V output mode. Floating VPRG programs the
output from 0.8V to 60V with an external resistor divider, regulating VFB to 0.8V.
Connect VPRG to INTVCC or GND to program the output to 12V or 5V, respectively,
through an internal resistor divider on VFB.
7
VIN
Main Supply Pin. A bypass capacitor must be tied between VIN and GND.
8
DRVCC
Gate Driver Power Supply Pin. The gate drivers are powered from DRVCC. Connect
DRVCC to INTVCC by a separate trace to the INTVCCbypass capacitor.
9
BSTVCC
Bootstrap Diode Anode Connection Pin. Place an optional external Schottky diode
between the BSTVCC and BOOST pins to bypass most of the 7Ω switch resistance
between DRVCC and BOOST.
10
EXTVCC
External Power Input to an Internal LDO Regulator Connected to DRVCC. This LDO
regulator supplies INTVCC power, bypassing the internal VIN LDO regulator whenever
EXTVCC exceeds the EXTVCC switchover voltage. See the EXTVCC connection in the Power
and Bias Supplies (VIN, EXTVCC, DRVCC, and INTVCC) section and INTVCC Regulators
(OPTI-DRIVE) section. Do not exceed 30 V on EXTVCC. Connect EXTVCC to GND if the
EXTVCC LDO regulator is not used.
11
INTVCC
Output of the Internal LDO Regulator. The INTVCC voltage regulation point is set by the
DRVSET pin. INTVCC must be decoupled to GND with a 4.7µF to 10µF ceramic or other
low equivalent series resistance (ESR) capacitor.
12, 13
BG
High Current Gate Driver for Bottom field-effect transistor (FET). BG pulls up to DRVCC
and pulls down to GND. Tie the BG directly to the bottom FET gate for maximum gate
drive transition speed. Tie a resistor between BG and the bottom FET gate to adjust the
gate slew rate. Tie the BG pins together as close as possible.
14
BOOST
Bootstrapped Supply to the Top Side Floating Driver. Connect a capacitor between the
BOOST and SW pins. An internal switch provides power to the BOOST pin from DRVCC
when the bottom FET turns on. The voltage swing at the BOOST pin is from DRVCC to
(VIN + DRVCC).
15
SW
Switch Node Connection to Inductor.
16, 17
TG
High Current Gate Driver for Top FET. TG pulls up to BOOST and pulls down to SW. Tie
TG directly to the top FET gate for maximum gate drive transition speed. Tie a resistor
between TG and the top FET gate to adjust the gate slew rate. Tie the TG pins together
as close as possible.
18
PGOOD
Power Good Open-Drain Logic Output. PGOOD is pulled to GND when the voltage on
VFB is not within ±10% of its set point.
19
ILIM
Current Comparator Sense Voltage Range Input. Tying ILIM to GND or INTVCC or floating
ILIM sets the maximum current sense threshold to one of three different levels (25mV,
75mV, and 50mV, respectively).
20
ITH
Error Amplifier Output and Switching Regulator Compensation Point. The current
comparator trip point increases with this control voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com