Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 11Page - Analog Devices ADPL74101 Datasheet HTML 12Page - Analog Devices ADPL74101 Datasheet HTML 13Page - Analog Devices ADPL74101 Datasheet HTML 14Page - Analog Devices ADPL74101 Datasheet HTML 15Page - Analog Devices ADPL74101 Datasheet HTML 16Page - Analog Devices ADPL74101 Datasheet HTML 17Page - Analog Devices ADPL74101 Datasheet HTML 18Page - Analog Devices ADPL74101 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
15 of 49
Figure 10. Inductor Current at Light Load,
See Figure 46 (Typical Applications) for more details
Figure 11. Soft Startup,
See Figure 46 (Typical Applications) for more details
Figure 12. Regulated Feedback Voltage vs. Temperature
Figure 13. Maximum Current Sense Threshold vs. VITH
Figure 14. SENSE– Pin Input Bias Current vs. Temperature
Figure 15. SENSE– Pin and SENSE+ Pin Input Current
vs. VSENSECommon Mode Voltage
10µs/DIV
BURST MODE
5A/DIV
PULSE
SKIP MODE
2A/DIV
FORCED
CONTINUOUS
MODE
5A/DIV
VIN = 48V
1ms/DIV
VOUT
5V/DIV
RUN
5V/DIV
804
802
800
798
796
806
808
794
792
35
65
95
125
155
5
–25
–55
TEMPERATURE (ºC)
600
500
400
300
200
100
700
900
800
0
35
65
95
125
155
–25
5
–55
TEMPERATURE (ºC)
SENSE– = INTVCC + 0.5V
SENSE– = INTVCC – 0.5V
600
500
400
300
200
100
700
900
800
0
30
40
50
60
65
10
20
0
35
45
55
15
25
5
VSENSE COMMON-MODE VOLTAGE (V)
SENSE+
SENSE–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com