Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 32 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 28Page - Analog Devices ADPL74101 Datasheet HTML 29Page - Analog Devices ADPL74101 Datasheet HTML 30Page - Analog Devices ADPL74101 Datasheet HTML 31Page - Analog Devices ADPL74101 Datasheet HTML 32Page - Analog Devices ADPL74101 Datasheet HTML 33Page - Analog Devices ADPL74101 Datasheet HTML 34Page - Analog Devices ADPL74101 Datasheet HTML 35Page - Analog Devices ADPL74101 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
32 of 49
The VIN UVLO thresholds can be computed by Equation 17 and Equation 18, as follows:
UVLO RISING = 1.2V(1 +
R1
R2
)
(17)
UVLO FALLING = 1.08V(1 +
R1
R2
)
(18)
The current that flows through the R1 and R2 divider adds to the shutdown, sleep, and active current of the
ADPL74101. Ensure to minimize the impact of this current on the overall efficiency of the application circuit. Resistor
values in the MΩ range can be required to keep the impact on quiescent shutdown and sleep currents low.
Soft-Start and Tracking (TRACK/SS Pin)
The startup of VOUT is controlled by the voltage on the TRACK/SS pin. When the voltage on the TRACK/SS pin is less
than the internal 0.8 V reference, the ADPL74101 regulates the VFB pin voltage to the voltage on the TRACK/SS pin
instead of the internal reference. The TRACK/SS pin can be used to program an external soft-start function or to allow
VOUT to track another supply during startup.
Soft start is enabled by connecting a capacitor from the TRACK/SS pin to GND. An internal 12μA current source
charges the capacitor, providing a linear ramping voltage at the TRACK/SS pin. The ADPL74101 regulates its feedback
voltage (and therefore VOUT) based on the voltage on the TRACK/SS pin, allowing VOUT to rise smoothly from 0V to its
final regulated value. For a desired soft start time (tSS), select a soft start capacitor (CSS) = tSS × 15nF/ms.
Alternatively, the TRACK/SS pin can be used to track another supply during startup, as shown qualitatively in Figure
37 and Figure 38. To track another supply, connect a resistor divider from the leader supply (VX) to the TRACK/SS pin
of the follower supply (VOUT), as shown in Figure 39. During startup, VOUT tracks VX, according to the ratio set by the
resistor divider in Equation 19:
VX
VOUT
=
RA
RTRACKA
×
RTRACKA+RTRACKB
RA+RB
(19)
Set RTRACKA = RA and RTRACKB = RB for coincident tracking (VOUT = VX during startup).
Figure 37. Coincident Tracking
Figure 38. Ratiometric Tracking
VX(LEADER)
VOUT(FOLLOWER)
TIME
VX(LEADER)
VOUT(FOLLOWER)
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com