Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 24 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 20Page - Analog Devices ADPL74101 Datasheet HTML 21Page - Analog Devices ADPL74101 Datasheet HTML 22Page - Analog Devices ADPL74101 Datasheet HTML 23Page - Analog Devices ADPL74101 Datasheet HTML 24Page - Analog Devices ADPL74101 Datasheet HTML 25Page - Analog Devices ADPL74101 Datasheet HTML 26Page - Analog Devices ADPL74101 Datasheet HTML 27Page - Analog Devices ADPL74101 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
24 of 49
Current Sense Selection
The ADPL74101 can be configured to use either inductor DC resistance (DCR) sensing or low-value resistor sensing.
The choice between the two current-sensing schemes is a design trade-off between cost, power consumption, and
accuracy. DCR sensing is popular because it saves expensive current-sensing resistors and is more power-efficient,
particularly in high-current applications. However, current sensing resistors provide the most accurate current limits
for the controller. The selection of other external components is driven by the load requirement and begins with the
selection of RSENSE (if RSENSE is used) and the inductor value.
The SENSE+ and SENSE− pins are the inputs to the current comparator. The common-mode voltage range on these
pins is 0V to 65V (See the Absolute Maximum Ratings for more details), enabling the ADPL74101 to regulate output
voltages up to a maximum of 60V. The SENSE+ pin is high impedance, drawing less than ≈1μA. This high impedance
allows the current comparator to be used in inductor DCR sensing. The impedance of the SENSE− pin changes
depending on the common-mode voltage. When less than INTVCC – 0.5 V, the SENSE− pin is at a relatively high
impedance, drawing ≈1μA. When the SENSE− pin is above INTVCC + 0.5 V, a higher current (≈700μA) flows into the pin.
Between INTVCC – 0.5 V and INTVCC + 0.5 V, the current transitions from the smaller current to the higher current. The
SENSE− pin has an additional ≈70μA current when its voltage is above 3.2V to bias internal circuitry from VOUT instead
of VIN, which reduces the input-referred supply current.
Filter components mutual to the sense lines must be placed close to the ADPL74101, and the sense lines must run
close together to a Kelvin connection underneath the current sense element, as shown in Figure 29. Sensing current
elsewhere can effectively add parasitic inductance and capacitance to the current-sense element, degrading the
information at the sense terminals and making the programmed current limit unpredictable. If DCR sensing is used,
as shown in Figure 31. The R1 resistor must be placed close to the switching node to prevent noise from coupling into
sensitive small signal nodes.
Figure 29. Sense Lines Placement with Inductor or Sense Resistor
Low Value Resistor Current Sensing
Figure 30 shows a typical sensing circuit using a discrete resistor. RSENSE is chosen based on the required output
current. The current comparator of the controller has a VSENSE(MAX)of 50mV, 25mV, or 75mV, depending on the state of
the ILIM pin. The current comparator threshold voltage sets the peak inductor current.
Using the maximum inductor current (IL(MAX)) and ripple current (ΔIL) (as described in the Inductor Value Calculation
section), the target sense resistor value is given by Equation 2, as follows:
RSENSE =
VSENSE(MAX)
IL(MAX)+
∆IL
2
(2)
To ensure that the application delivers the full load current over the full operating temperature range, choose the
minimum value for VSENSE(MAX) as shown in Table 1 (Electrical Characteristics table).
TO SENSE FILTER
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
CURRENT FLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com