Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 15Page - Analog Devices ADPL74101 Datasheet HTML 16Page - Analog Devices ADPL74101 Datasheet HTML 17Page - Analog Devices ADPL74101 Datasheet HTML 18Page - Analog Devices ADPL74101 Datasheet HTML 19Page - Analog Devices ADPL74101 Datasheet HTML 20Page - Analog Devices ADPL74101 Datasheet HTML 21Page - Analog Devices ADPL74101 Datasheet HTML 22Page - Analog Devices ADPL74101 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
19 of 49
THEORY OF OPERATION
Main Control Loop
The ADPL74101 is a synchronous controller using a constant-frequency, peak-current mode architecture. During
normal operation, the external top FET turns on when the clock sets the set/reset (SR) latch, causing the inductor
current to increase. The main switch turns off when the main current comparator, ICMP, resets the SR latch. After the
top FET is turned off each cycle, the bottom FET turns on, which causes the inductor current to decrease until either
the inductor current starts to reverse, as indicated by the current comparator (IR), or the beginning of the next clock
cycle.
The peak inductor current at which ICMP trips and resets the latch is controlled by the voltage on the ITH pin, which
is the error amplifier (EA) output. The error amplifier compares the output voltage feedback signal at the VFB pin
(which is generated with an external resistor divider connected across the output voltage, VOUT, to GND) to the
internal 0.8V reference voltage. When the load current increases, it causes a slight decrease in VFB relative to the
reference, which causes the EA to increase the ITH voltage until the average inductor current matches the new load
current.
Power and Bias Supplies (V
IN, EXTVCC, DRVCC, and INTVCC)
The INTVCC pin supplies power for the top and bottom FET drivers and most of the internal circuitry. The supply for
the FET drivers is derived from the DRVCC pin, which must be tied to the INTVCCpin to supply power to the gate drivers.
LDO linear regulators are available from both the VIN pin and EXTVCC pin to provide power to INTVCC, which can be
programmed from 4V to 5.5V through control of the DRVSET pin. When the EXTVCC pin is tied to a voltage below its
switchover voltage, the VIN LDO regulator supplies power to INTVCC. If EXTVCC is taken above its switchover voltage,
the VIN LDO regulator turns off, and the EXTVCC LDO regulator turns on. When enabled, the EXTVCC LDO regulator
supplies power to INTVCC. Using the EXTVCC pin allows the INTVCC power to be derived from a high-efficiency external
source, such as the ADPL74101 switching regulator output.
High-Side Bootstrap Capacitor
The top FET driver is biased from the floating bootstrap capacitor (CB), which normally recharges through an internal
switch between BOOST and DRVCC whenever the bottom FET turns on. The internal switch is high impedance when
the bottom FET is off, preventing the bootstrap capacitor from overcharging when SW rings below GND during the
dead times.
If the input voltage decreases to a voltage close to its output, the loop may enter dropout and attempt to turn on the
top FET continuously. The dropout detector detects this event and forces the top FET off and the bottom FET on for
a short time every tenth cycle to allow CB to recharge, resulting in a 99% duty cycle at 370kHz operation and
approximately 99% duty cycle at 1MHz operation. If the bootstrap capacitor voltage falls below approximately 75%
of the INTVCC voltage, the boost refresh pulses increase to every fourth cycle to deliver more charge to CB, resulting
in slightly lower duty cycles in dropout.
Dead Time Control
The ADPL74101 provides dead-time control, meaning the driver logic waits for the bottom FET to turn off before
turning on the top FET, and vice versa. Dead-time control results in a fixed dead-time of 20ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com