Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 34 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 30Page - Analog Devices ADPL74101 Datasheet HTML 31Page - Analog Devices ADPL74101 Datasheet HTML 32Page - Analog Devices ADPL74101 Datasheet HTML 33Page - Analog Devices ADPL74101 Datasheet HTML 34Page - Analog Devices ADPL74101 Datasheet HTML 35Page - Analog Devices ADPL74101 Datasheet HTML 36Page - Analog Devices ADPL74101 Datasheet HTML 37Page - Analog Devices ADPL74101 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
34 of 49
Figure 40. Relationship Between INTVCC Voltage and Resistor Value at the DRVSET Pin
High-input-voltage applications in which large FETs are driven at high frequencies can exceed the maximum junction
temperature rating for the ADPL74101. The INTVCC current, which is dominated by the gate charge current, can be
supplied by either the VIN LDO regulator or the EXTVCC LDO regulator. When the voltage on the EXTVCC pin is less than
its switchover threshold (4.76V or 5.95V, as determined by the DRVUV pin), the VIN LDO regulator is enabled. In this
case, power dissipation for the IC is equal to VIN× INTVCC current (IINTVCC). The gate charge current is dependent on the
operating frequency, as discussed in the Efficiency Considerations section. To estimate the junction temperature, use
the equation detailed in Table 2. For example, the ADPL74101 INTVCC current is limited to less than 36mA from a 36V
supply when not using the EXTVCC supply at an ambient temperature of 70°C, as shown in Equation 20:
TJ = 70°C + (36mA)(36V)(43°C/W) = 125°C
(20)
To prevent the maximum junction temperature from exceeding, check the input supply current while operating in
continuous conduction mode (MODE = INTVCC) at maximum VIN.
When the voltage applied to EXTVCC exceeds its rising switchover threshold, the VIN LDO regulator turns off, and the
EXTVCCLDO regulator enables. The EXTVCC LDO regulator remains on as long as the voltage applied to EXTVCC remains
above its falling switchover threshold. The EXTVCC LDO regulator attempts to regulate the INTVCC voltage to the
voltage as programmed by the DRVSET pin. Therefore, while EXTVCC is less than 5V, the LDO regulator is in dropout,
and the INTVCC voltage is approximately equal to EXTVCC. When EXTVCC exceeds the programmed voltage (up to an
absolute maximum of 30V), INTVCC is regulated to the programmed voltage. Using the EXTVCC LDO regulator allows
the FET driver and control power to be derived from the switching regulator output of the ADPL74101 (4.7V ≤ VOUT ≤
30V) during normal operation, and from the VIN LDO regulator when the output is out of regulation (for example,
during startup or short-circuit). If more current is required through the EXTVCC LDO regulator than is specified, add
an external Schottky diode between the EXTVCCand INTVCC pins. In this case, do not apply more than 6V to the EXTVCC
pin.
Significant efficiency and thermal gains can be realized by powering INTVCC from an output, because the VIN current
resulting from the driver and control currents is scaled by a factor of VOUT/(VIN × efficiency). For 5V to 30V regulator
outputs, connect the EXTVCC pin to VOUT. Tying the EXTVCC pin to an 8.5V supply reduces the junction temperature as
shown in Equation 20 from 125°C to the results given by Equation 21, as follows:
TJ= 70°C + (36mA)(8.5V)(43°C/W) = 83°C
(21)
DRVSET PIN RESISTOR (kΩ)
50
5.5
5.4
5.3
5.2
5.1
5.0
4.6
4.4
4.2
4.7
4.8
4.9
4.5
4.3
4.1
4.0
80
110
70
90
120
100
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com