Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 13Page - Analog Devices ADPL74101 Datasheet HTML 14Page - Analog Devices ADPL74101 Datasheet HTML 15Page - Analog Devices ADPL74101 Datasheet HTML 16Page - Analog Devices ADPL74101 Datasheet HTML 17Page - Analog Devices ADPL74101 Datasheet HTML 18Page - Analog Devices ADPL74101 Datasheet HTML 19Page - Analog Devices ADPL74101 Datasheet HTML 20Page - Analog Devices ADPL74101 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
17 of 49
Figure 22. INTVCC Voltage vs. Load Current
Figure 23. INTVCC Voltage vs. Input Voltage
Figure 24. INTVCC Voltage vs. Temperature
Figure 25. Undervoltage Lockout Threshold
vs. Temperature
Figure 26. EXTVCC Switchover Threshold vs. Temperature
Figure 27. Maximum Current Sense Threshold
vs. Feedback
5.0
5.6
6.0
4.6
5.4
4.8
5.2
5.8
4.4
LOAD CURRENT (mA)
40
60
80
100
20
0
VIN = 12V
DRVUV = 0V
DRVSET = INTVCC
DRVSET = GND
EXTCC = 5V
EXTVCC = 0V OR 8.5V
5.0
5.6
6.0
4.4
5.4
4.8
4.2
4.6
5.2
5.8
4.0
INPUT VOLTAGE (V)
40
60
80
100
20
0
DRVSET = INTVCC
DRVSET = GND
EXTVCC = 0V
NO LOAD
4.75
5.50
6.00
5.25
4.50
4.25
5.00
5.75
4.00
TEMPERATURE (°C)
35
65
95
125
155
–25
5
VIN = 12, EXTVCC = 0V
DRVUV = 0V
–55
DRVSET = INTVCC
DRVSET = GND
DRVSET = 64.9kΩ
4.2
4.8
5.2
4.6
4.0
3.8
3.6
4.4
5.0
3.4
TEMPERATURE (°C)
35
65
95
125
155
–25
5
–55
DRVUV = INTVCC
DRVUV = FLOATING
DRVUV = GND
RISING
RISING
RISING
FALLING
FALLING
FALLING
5.2
5.8
6.2
5.6
5.0
4.8
4.6
5.4
6.0
4.4
TEMPERATURE (°C)
35
65
95
125
155
–25
5
–55
DRVUV = INTVCC OR FLOATING
DRVUV = GND
RISING
RISING
FALLING
FALLING
30
60
80
50
20
10
40
70
0
FEEDBACK VOLTAGE (mV)
300
400
500
700
600
800
100
200
0
ILIM = GND
ILIM = FLOATING
ILIM = INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com