Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 45 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 41Page - Analog Devices ADPL74101 Datasheet HTML 42Page - Analog Devices ADPL74101 Datasheet HTML 43Page - Analog Devices ADPL74101 Datasheet HTML 44Page - Analog Devices ADPL74101 Datasheet HTML 45Page - Analog Devices ADPL74101 Datasheet HTML 46Page - Analog Devices ADPL74101 Datasheet HTML 47Page - Analog Devices ADPL74101 Datasheet HTML 48Page - Analog Devices ADPL74101 Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
45 of 49
Figure 46. High-Efficiency, 12VOUT, Buck Regulator
Figure 47. Load-Step Response for
Figure 46
MTOP
MBOT
L
5.5µH
100pF
4.7nF
100pF
4.7µF
0.1µF
1nF
0.1µF
7.68kΩ
36.5kΩ
RSENSE
3mΩ
20Ω
2Ω
412kΩ
124kΩ
0.1µF
100Ω
RUN
VIN
ADPL74101
TG
BOOST
SW
BG
SENSE+
SENSE–
EXTVCC
VFB
GND
DRVCC
INTVCC
DRVSET
VPRG
MODE
DRVUV
FREQ
TRACK/SS
ITH
ILIM
PGOOD
PLLIN/SPREAD
VIN
fSW: 300kHz
MTOP: INFINEON BSC146N10LS5
MBOT: INFINEON BSC070N10LS5
L: WURTH 7443630550
CIN1: 47µF 100V NICHICON UUX2A470MNL1GS
CIN2: 10µF 100V MURATA GRM32EC72A106KE05L
COUT1: 150µF 16V PANASONIC 16TQC150MYF
COUT2: 22µF 25V AVX 12103D226MAT2A
VIN
16V TO 72V
CIN1
47µF
×2
CIN2
10µF
×2
COUT2
22µF
×2
COUT1
150µF
×1
VOUT
12V
15A
100µs/DIV
VOUT
AC-COUPLED
500mV/DIV
LOAD
CURRENT
10A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com