Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 41 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 37Page - Analog Devices ADPL74101 Datasheet HTML 38Page - Analog Devices ADPL74101 Datasheet HTML 39Page - Analog Devices ADPL74101 Datasheet HTML 40Page - Analog Devices ADPL74101 Datasheet HTML 41Page - Analog Devices ADPL74101 Datasheet HTML 42Page - Analog Devices ADPL74101 Datasheet HTML 43Page - Analog Devices ADPL74101 Datasheet HTML 44Page - Analog Devices ADPL74101 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
41 of 49
5.
Connect the INTVCC decoupling capacitor close to the IC, between the INTVCC and the power GND pin. This
capacitor carries the current peaks of the FET drivers. Place an additional 1μF ceramic capacitor between
the DRVCC and GND pins to improve noise performance.
6.
Keep the switching node (SW), top gate nodes (TG), and boost node (BOOST) away from sensitive small
signal nodes, especially from the voltage and current sensing feedback pins. All of these nodes exhibit large,
and fast-moving signals. Therefore, keep the nodes on the output side of the ADPL74101 and ensure they
occupy the minimum PCB trace area.
7.
Use a modified star ground technique: a low-impedance, large-copper-area central grounding point on the
same side of the PCB as the input and output capacitors, with tie-ins to the bottom of the INTVCC decoupling
capacitor, the bottom of the voltage feedback resistive divider, and the GND pin of the IC.
Figure 41. Branch Current Waveforms
PCB Layout Debugging
Use a DC to 50MHz current probe to monitor the current in the inductor while testing the circuit. Monitor the output
switching node (the SW pin) to synchronize the oscilloscope to the internal oscillator and probe the actual output
voltage as well. Check for proper performance over the operating voltage and current range expected in the
application. The frequency of operation is maintained over the input voltage range down to dropout and until the
output load drops below the low current operation threshold, typically 25% of the maximum designed current level
in Burst Mode operation.
The duty cycle percentage is maintained from cycle to cycle in a well-designed, low-noise PCB implementation.
Variation in the duty cycle at a subharmonic rate can suggest noise pickup at the current or voltage-sensing inputs
or inadequate loop compensation. Overcompensation of the loop can be used to tame an improper PCB layout if
regulator bandwidth optimization is not required.
Reduce the VIN from its nominal level to verify the operation of the regulator in dropout. Check the operation of the
undervoltage lockout circuit by further lowering VIN while monitoring the outputs to verify operation. Investigate
whether any problems exist only at higher output currents or only at higher input voltages. If problems coincide with
high input voltages and low output currents, check for capacitive coupling between the BOOST, SW, TG, and possibly
BG connections and the sensitive voltage and current pins. Place the capacitor across the current-sensing pins next
to the pins of the IC. This capacitor helps to minimize the effects of differential noise injection due to high-frequency
capacitive coupling. If problems are encountered with high-current output loading at lower input voltages, look for
inductive coupling between CIN, the top FET, and the bottom FET components to the sensitive current and voltage
RL1
L1
SW
RSENSE
VOUT
COUT
VIN
CIN
RIN
BOLD LINES INDICATE HIGH SWITCHING
CURRENT. KEEP LINES TO A MINIMUM LENGTH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com