Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 26 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 22Page - Analog Devices ADPL74101 Datasheet HTML 23Page - Analog Devices ADPL74101 Datasheet HTML 24Page - Analog Devices ADPL74101 Datasheet HTML 25Page - Analog Devices ADPL74101 Datasheet HTML 26Page - Analog Devices ADPL74101 Datasheet HTML 27Page - Analog Devices ADPL74101 Datasheet HTML 28Page - Analog Devices ADPL74101 Datasheet HTML 29Page - Analog Devices ADPL74101 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
26 of 49
If the external (R1||R2) × C1 time constant is chosen to be equal to the L/DCR time constant, the voltage drop across
the external capacitor is equal to the drop across the inductor DCR multiplied by R2/(R1+R2). R2 scales the voltage
across the sense terminals for applications where the DCR exceeds the target sense resistor value. To properly
dimension the external filter components, the inductor's DCR must be known. The DCR can be measured using an
inductance, capacitance, and resistance (LCR) meter. However, the DCR tolerance is not always the same and varies
with temperature. Refer to the manufacturer's data sheet for detailed information.
Using IL(MAX) and ΔIL (as described in the Inductor Value Calculation section), the target sense resistor value is given by
Equation 3, as follows:
RSENSE(EQUIV) =
VSENSE(MAX)
IL(MAX)+
∆IL
2
(3)
To ensure that the application delivers the full load current over the full operating temperature range, choose the
minimum value for VSENSE(MAX) in Table 1 (Electrical Characteristics table).
Next, determine the DCR of the inductor. When provided, use the maximum value noted by the manufacturer,
typically given at 20°C. Increase this value to account for the temperature coefficient of copper resistance, which is
approximately 0.4%/°C. A conservative value for the maximum inductor temperature (TL(MAX)) is 100°C. To scale the
maximum inductor DCR (DCRMAX) to the desired sense resistor (RD) value, use the divider ratio given by Equation 4, as
follows:
RD =
RSENSE(EQUIV)
DCRMAX at TL(MAX)
(4)
C1 is typically selected to be in the range of 0.1 μF to 0.47 μF. This range forces the equivalent resistance (R1||R2) to
around 2 kΩ, reducing the error that can result from the ≈1μA current of the SENSE+ pin.
R1||R2 is scaled to the room temperature inductance and maximum DCR given by Equation 5, as follows:
R1 ∥ R2 =
L
(DCR at 20°C) × C1
(5)
The sense resistor values are given by Equation 6 and Equation 7, as follows:
R1 =
R1∥R2
RD
(6)
R2
=
R1×RD
1− RD
(7)
The maximum power loss (PLOSS) in R1 is related to duty cycle and occurs in continuous mode at the maximum input
voltage (VIN(MAX)) given by Equation 8, as follows:
PLOSS in R1 =
(VIN(MAX)−VOUT)× VOUT
R1
(8)
Ensure that R1 has a power rating higher than PLOSS in R1. If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing or sense resistors. Light-load power loss can be modestly
higher with a DCR network than with a sense resistor, due to the extra switching losses incurred through R1. However,
DCR sensing eliminates the need for a sense resistor, reduces conduction losses, and provides higher efficiency at
heavy loads. Peak efficiency is about the same with either method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com