Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 5 Page - Analog Devices

  ADPL74101 Datasheet HTML 1Page - Analog Devices ADPL74101 Datasheet HTML 2Page - Analog Devices ADPL74101 Datasheet HTML 3Page - Analog Devices ADPL74101 Datasheet HTML 4Page - Analog Devices ADPL74101 Datasheet HTML 5Page - Analog Devices ADPL74101 Datasheet HTML 6Page - Analog Devices ADPL74101 Datasheet HTML 7Page - Analog Devices ADPL74101 Datasheet HTML 8Page - Analog Devices ADPL74101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
5 of 49
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TJ = -40°C to +125°C for the minimum and maximum values, TA = 25°C for the typical values,
VIN = 12V, RUN = 12V, VPRG = Floating, EXTVCC = 0V, DRVSET = 0V, DRVUV = 0V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Input Supply
Input Supply
Operating Range
VIN
4
100
V
Total Input Supply
Current in Regulation
IIN
48V to 5V, No Load1
14V to 3.3V, No Load1
5
14
µA
µA
Controller Operation
Regulated Output
Voltage Set Point
VOUT
0.8
60
V
Regulated Feedback
Voltage2
VFB
VIN = 4V to 100V,
ITH Voltage = 0.6V to 1.2V
VPRG = Floating, TA = 25°C
VPRG = Floating
VPRG = 0V
VPRG = INTVCC
0.792
0.788
4.925
11.82
0.8
0.8
5.0
12
0.808
0.812
5.075
12.18
V
V
V
V
Feedback Current2
VPRG = Floating, TA = 25°C
VPRG = 0V or INTVCC, TA = 25°C
-50
0
1
+50
2
nA
µA
Feedback Overvoltage
Threshold
Relative to VFB, TA = 25°C
7
10
13
%
Transconductance
Amplifier2
gm
ITH = 1.2V,
Sink and Source Current = 5µA
1.8
mMho
Maximum Current
Sense Threshold
VSENSE(MAX)
VFB = 0.7V, SENSE- = 3.3V
ILIM = 0V
ILIM = Floating
ILIM = INTVCC
21
45
67
26
50
75
31
55
83
mV
mV
mV
SENSE+ Pin Current
ISENSE+
SENSE+ = 3.3V, TA = 25°C
-1
+1
µA
SENSE- Pin Current
ISENSE-
SENSE- < 3V
3.2V ≤ SENSE- < INTVCC – 0.5V
SENSE- > INTVCC + 0.5V
1
75
725
µA
µA
µA
Soft-Start Charge
Current
TRACK/SS = 0V
9.5
12
14.5
µA
RUN Pin ON Threshold
RUN Rising
1.15
1.20
1.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com