Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 38 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 34Page - Analog Devices ADPL74101 Datasheet HTML 35Page - Analog Devices ADPL74101 Datasheet HTML 36Page - Analog Devices ADPL74101 Datasheet HTML 37Page - Analog Devices ADPL74101 Datasheet HTML 38Page - Analog Devices ADPL74101 Datasheet HTML 39Page - Analog Devices ADPL74101 Datasheet HTML 40Page - Analog Devices ADPL74101 Datasheet HTML 41Page - Analog Devices ADPL74101 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
38 of 49
Checking Transient Response
To check the regulator loop response, examine the load current transient response. Switching regulators take several
cycles to respond to a step in the DC (resistive) load current. When a load step occurs, VOUT shifts by an amount equal
to ΔILOAD × ESR, where ESR is the effective series resistance of COUT. ΔILOAD also begins to charging or discharging COUT,
generating a feedback error signal that forces the regulator to adapt to the current change and return VOUT to its
steady-state value. During this recovery time, VOUT can be monitored for excessive overshoot or ringing, which
indicates a stability problem.
OPTI-LOOP compensation allows the transient response to be optimized over a wide range of output capacitance
and ESR values. The availability of the ITH pin not only allows optimization of control loop behavior but also provides
a DC-coupled and AC-filtered closed-loop response test point. The dc step, rise time, and settling at this test point
reflect the closed-loop response. Assuming a predominantly second-order system, the phase margin and/or
damping factor can be estimated using the percentage of overshoot seen at this pin. The bandwidth can also be
estimated by examining the rise time at the pin. The ITH external components that are shown in Figure 1, Figure 42,
Figure 44, and Figure 46 provide an adequate starting point for most applications.
The ITH series compensation resistor (RC) to compensation capacitor (CC) filter sets the dominant pole-zero loop
compensation. The values can be modified slightly (from 0.5 times to 2 times their initial values) to optimize the
transient response when the final PCB layout is done, and the particular output capacitor type and value are
determined. The output capacitors need to be selected because the various types and values determine the loop
gain and phase. An output current pulse of 20% to 80% of the full load current, with a rise time of 1μs to 10μs,
produces output voltage and ITH pin waveforms that give a sense of the overall loop stability without breaking the
feedback loop.
Placing a power FET directly across from the output capacitor, and driving the gate with an appropriate signal
generator, is a practical way to produce a realistic load-step condition. The initial output-voltage step resulting from
the step change in output current may not be within the bandwidth of the feedback loop. Therefore, this signal
cannot be used to determine phase margin. For this reason, it is better to look at the ITH pin signal, which is in the
feedback loop and is the filtered and compensated control loop response. The gain of the loop increases by
increasing RC, and the bandwidth of the loop increases by decreasing CC. If RC increases by the same factor as CC
decreases, the zero frequency remains unchanged, keeping the phase shift the same in the most critical frequency
range of the feedback loop. The output-voltage settling behavior is related to the stability of the closed-loop system
and demonstrates the actual overall supply performance.
A second, more severe transient is caused by switching in loads with large (>1μF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel with COUT, causing a rapid drop in VOUT. No regulator can
alter its delivery of current quickly enough to prevent this sudden step change in output voltage, if the load switch
resistance is low and it is driven quickly.
If the ratio of CLOAD to COUT is greater than 1:50, the switch rise time must be controlled so that the load rise time is
limited to approximately CLOAD × 25μs/μF. Therefore, a 10μF capacitor requires a 250μs rise time, limiting the charging
current to about 200mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com