Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 40 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 36Page - Analog Devices ADPL74101 Datasheet HTML 37Page - Analog Devices ADPL74101 Datasheet HTML 38Page - Analog Devices ADPL74101 Datasheet HTML 39Page - Analog Devices ADPL74101 Datasheet HTML 40Page - Analog Devices ADPL74101 Datasheet HTML 41Page - Analog Devices ADPL74101 Datasheet HTML 42Page - Analog Devices ADPL74101 Datasheet HTML 43Page - Analog Devices ADPL74101 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
40 of 49
Due to the high current in this application, two FETs may be needed in parallel to more evenly balance the
dissipated power and to lower the RDS(ON). Be sure to select logic-level threshold MOSFETs, because the gate
drive voltage is limited to 5.5V (INTVCC).
7.
Select the input and output capacitors. CIN is chosen for an RMS current rating of at least 10A (IOUT/2, with
margin) at the temperature. COUT is chosen with an ESR of 3mΩ for low output ripple. Multiple capacitors
connected in parallel may be required to reduce the ESR to this level. The output ripple in continuous mode
is highest at the maximum input voltage. The output voltage ripple (VORIPPLE) due to ESR is approximately
given by Equation 31, as follows:
VORIPPLE = ESR × ∆IL = 3mΩ × 6A =18mVP−P
(31)
On the 3.3V output, 18mVP-P is equal to 0.55% of the peak-to-peak voltage ripple.
8.
Determine the bias supply components. Because the regulated output is not greater than the EXTVCC
switchover threshold, it cannot be used to bias INTVCC. However, if another 5V supply is available, connect
that supply to EXTVCC to improve efficiency. For a 6.7ms soft start, select a 0.1μF capacitor for the TRACK/SS
pin. As a first pass estimate for the bias components, select the INTVCC capacitance (CINTVCC) = 4.7μF and CB =
0.1μF.
9.
Determine and set application-specific parameters. Set the MODE pin based on the trade-off of light-load
efficiency and constant-frequency operation. Set the PLLIN/SPREAD pin based on whether a fixed, spread-
spectrum, or phase-locked frequency is desired. The RUN pin can be used to control the minimum input
voltage for regulator operation, or it can be tied to VIN for always-on operation. Use ITH compensation
components from the typical applications as a first guess, check the transient response for stability, and
modify as necessary.
PCB Board Layout Checklist
Figure 41 shows the current waveforms present in the various branches of the synchronous regulators operating in
the continuous mode.
When laying out the PCB, use the following checklist to ensure the device operates properly.
1.
Route the BG traces together and connect them as close as possible to the bottom FET gate. If using gate
resistors, connect the resistor connections to the FET gate as close as possible to the FET. Connecting the
BG farther from the bottom FET gate can cause inaccuracies in the dead-time control circuit of the
ADPL74101. Route the TG traces together and connect them as close as possible to the top FET gate.
2.
The combined IC GND pin and the GND return of CINTVCCmust return to the combined COUT negative terminals.
The path formed by the top N-channel FET and the CIN capacitor must have short leads and PCB trace
lengths. Connect the output capacitor’s negative terminals as close as possible to the negative terminals of
the input capacitor by placing the capacitors next to each other and away from the loop.
3.
Connect the ADPL74101 VFB pin resistive dividers to the positive terminals of COUT and the signal GND. Place
the divider close to the VFB pin to minimize noise coupling into the sensitive VFB node. The feedback resistor
connections must not be along the high-current input feeds from the input capacitors.
4.
Route the SENSE− and SENSE+ leads together with minimum PCB trace spacing. Route these traces away
from the high-frequency switching nodes on an inner layer, if possible. The filter capacitor between SENSE+
and SENSE− must be as close as possible to the IC. Ensure accurate current sensing with Kelvin connections
at the sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com