Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 7Page - Analog Devices ADPL74101 Datasheet HTML 8Page - Analog Devices ADPL74101 Datasheet HTML 9Page - Analog Devices ADPL74101 Datasheet HTML 10Page - Analog Devices ADPL74101 Datasheet HTML 11Page - Analog Devices ADPL74101 Datasheet HTML 12Page - Analog Devices ADPL74101 Datasheet HTML 13Page - Analog Devices ADPL74101 Datasheet HTML 14Page - Analog Devices ADPL74101 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
11 of 49
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1
PLLIN/
SPREAD
External Synchronization Input to Phase Detector/Spread Spectrum Enable. When an
external clock is applied to PLLIN/SPREAD, the phase-locked loop forces the rising TG
signal to synchronize with the rising edge of the external clock. When not
synchronizing to an external clock, tie this input to INTVCC to enable spread spectrum
dithering of the oscillator, or to GND to disable spread spectrum dithering.
2
MODE
Mode Select Input. This input determines how the ADPL74101 operates at light loads.
Connect the MODE to GND to select the Burst Mode operation. An internal 100kΩ
resistor to GND also invokes Burst Mode operation when MODE is floating. Connect
MODE to INTVCC to force continuous inductor current operation. Tying MODE to INTVCC
through a 100kΩ resistor selects the pulse skipping operation.
3
FREQ
Frequency Control Pin for the Internal Voltage-Controlled Oscillator (VCO). Connect
FREQ to GND for a fixed frequency of 370kHz. Program frequencies between 100kHz
and 1MHz by using a resistor between FREQ and GND. Minimize the capacitance on
FREQ.
4
TRACK/SS
External Tracking/Soft Start Input. TRACK/SS regulates the VFB voltage to the lesser of
0.8V or the voltage on the TRACK/SS pin. An internal 12µA pull-up current source is
connected to TRACK/SS. A capacitor to GND at TRACK/SS sets the ramp time to the
final regulated output voltage. The ramp time is equal to 1ms for every 12.5nF of
capacitance. Alternatively, a resistor divider on another voltage supply connected to
TRACK/SS allows the output to track the other supply during startup.
5
GND
Ground. This pin must be soldered to the printed circuit board (PCB) GND.
9
10
TOP VIEW
(Not to Scale)
ADPL74101
11
12
13
14
28
27
26
25
24
23
6
5
4
3
2
1
PLLIN/SPREAD
MODE
FREQ
TRACK/SS
GND
VPRG
VIN
DRVCC
SENSE+
VFB
ITH
ILIM
PGOOD
TG
TG
SW
29
GND
7
8
17
18
19
20
21
22
16
15
NOTES
1. THE EXPOSED PAD (PIN 29) MUST BE SOLDERED TO PCB GROUND
FOR RATED ELECTRICAL AND THERMAL PERFORMANCE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com