Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 25 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 21Page - Analog Devices ADPL74101 Datasheet HTML 22Page - Analog Devices ADPL74101 Datasheet HTML 23Page - Analog Devices ADPL74101 Datasheet HTML 24Page - Analog Devices ADPL74101 Datasheet HTML 25Page - Analog Devices ADPL74101 Datasheet HTML 26Page - Analog Devices ADPL74101 Datasheet HTML 27Page - Analog Devices ADPL74101 Datasheet HTML 28Page - Analog Devices ADPL74101 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
25 of 49
The parasitic inductance (ESL) of the sense resistor introduces significant error in the current sense signal for lower
inductor values (<3μH) or higher current (>5A) applications. This error is proportional to the input voltage and can
degrade line regulation or cause loop instability. Placing an RC filter (RF) into the sense pins, as shown in Figure 30,
can be used to compensate for this error. For optimal cancellation of the ESL, set the RC filter time constant to RF ×
CF = ESL/RSENSE (CF is the filter capacitor). In general, select CF to be in the range of 1 nF to 10 nF and calculate the
corresponding RF. Surface-mount sense resistors in low ESL, wide footprint geometries are recommended to
minimize this error. If not specified in the data sheet of the manufacturer, the ESL can be approximated as 0.4nH for
a resistor with a 1206 footprint, and 0.2nH for a resistor with a 1225 footprint.
Figure 30. Using a Resistor to Sense Current
Inductor DCR Current Sensing
For applications requiring the highest possible efficiency at high load currents, the ADPL74101 is capable of sensing
the voltage drop across the inductor DCR, as shown in Figure 31. The DCR of the inductor represents the small amount
of DC winding resistance of the copper, which can be less than 1mΩ for low-value, high-current inductors. In a high-
current application requiring such an inductor, power loss through a sense resistor costs several points of efficiency
compared to inductor DCR sensing.
Figure 31. Using the Inductor DCR to Sense Current (RSENSE(EQUIV) is the Equivalent Sensed Resistance)
CF
RF
L
RSENSE
ESL
ADPL74101
SW
BG
BOOST
TG
SENSE+
SENSE–
VOUT
COUT
CIN
VIN
PLACE RF AND CF NEAR SENSE+ AND SENSE–
TOP
BOT
ADPL74101
VIN
CIN
VOUT
COUT
C1*
R2
*PLACE C1 NEAR SENSE + AND SENSE–
**PLACE R1 NEAR SW NODE
RSENSE(EQUIV) = DCR(R2/(R1 + R2))
L
DCR
R1**
(R1||R2) × C1 = L/DCR
BOOST
TG
SW
BG
GND
SENSE–
SENSE+
BOT
TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com