Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 102 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 102 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 98Page - SMSC Corporation LAN9211 Datasheet HTML 99Page - SMSC Corporation LAN9211 Datasheet HTML 100Page - SMSC Corporation LAN9211 Datasheet HTML 101Page - SMSC Corporation LAN9211 Datasheet HTML 102Page - SMSC Corporation LAN9211 Datasheet HTML 103Page - SMSC Corporation LAN9211 Datasheet HTML 104Page - SMSC Corporation LAN9211 Datasheet HTML 105Page - SMSC Corporation LAN9211 Datasheet HTML 106Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
102
SMSC
LAN9211
DATASHEET
0
Flow Control on Any Frame (FCANY). When this bit is set, the LAN9211
will assert back pressure, or transmit a pause frame when the AFC level is
reached and any frame is received. Setting this bit enables full-duplex flow
control when the LAN9211 is operating in full-duplex mode.
When this mode is enabled during half-duplex operation, the Flow Controller
does not decode the MAC address and will send a pause frame upon
receipt of a valid preamble (i.e., immediately at the beginning of the next
frame after the RX data FIFO level is reached).
When this mode is enabled during full-duplex operation, the Flow Controller
will immediately instruct the MAC to send a pause frame when the RX data
FIFO level is reached. The MAC will queue the pause frame transmission
for the next available window.
Setting this bit overrides bits [3:1] of this register.
R/W
0
Table 5.5 Backpressure Duration Bit Mapping
BACKPRESSURE DURATION
[19:16]
100Mbs Mode
10Mbs Mode
0h
5uS
7.2uS
1h
10uS
12.2uS
2h
15uS
17.2uS
3h
25uS
27.2uS
4h
50uS
52.2uS
5h
100uS
102.2uS
6h
150uS
152.2uS
7h
200uS
202.2uS
8h
250uS
252.2uS
9h
300uS
302.2uS
Ah
350uS
352.2uS
Bh
400uS
402.2uS
Ch
450uS
452.2uS
Dh
500uS
502.2uS
Eh
550uS
552.2uS
Fh
600uS
602.2uS
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com