Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 1 Page - SMSC Corporation

  LAN9211 Datasheet HTML 1Page - SMSC Corporation LAN9211 Datasheet HTML 2Page - SMSC Corporation LAN9211 Datasheet HTML 3Page - SMSC Corporation LAN9211 Datasheet HTML 4Page - SMSC Corporation LAN9211 Datasheet HTML 5Page - SMSC Corporation LAN9211 Datasheet HTML 6Page - SMSC Corporation LAN9211 Datasheet HTML 7Page - SMSC Corporation LAN9211 Datasheet HTML 8Page - SMSC Corporation LAN9211 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 146 page
background image
SMSC
LAN9211
DATASHEET
Revision 1.93 (11-27-07)
Datasheet
PRODUCT FEATURES
LAN9211
High-Performance Small
Form Factor Single-Chip
Ethernet Controller with HP
Auto-MDIX
Highlights
Optimized for medium to high performance
applications
Efficient architecture with low CPU overhead
Easily interfaces to most 16-bit embedded CPU’s
Integrated PHY with HP Auto-MDIX
Integrated checksum offload engine helps reduce
CPU load
Low pin count and small body size package for small
form factor system designs
Supports audio & video streaming over Ethernet:
1-2 high-definition (HD) MPEG2 streams
Target Applications
Cable, satellite, and IP set-top boxes
Digital video recorders and DVD recorder/players
High definition televisions
Digital media clients/servers and home gateways
Video-over IP solutions, IP PBX & video phones
Wireless routers & access points
High-end audio distribution systems
Key Benefits
Non-PCI Ethernet controller formedium-high
performance sensitive applications
—
Highest performing non-PCI Ethernet controller
—
16-bit interface with fast bus cycle times
—
Burst-mode read support
Eliminates dropped packets
—
Internal buffer memory can store over 200 packets
—
Automatic PAUSE and back-pressure flow control
Minimizes CPU overhead
—
Supports Slave-DMA
—
Interrupt Pin with Programmable Hold-off timer
Reduces system cost and increases design flexibility
SRAM-like interface easily interfaces to most
embedded CPU’s or SoC’s
Reduced Power Modes
—
Numerous power management modes
—
Wake on LAN
—
Magic packet wakeup
—
Wakeup indicator event signal
—
Link Status Change
Single chip Ethernet controller
—
Fully compliant with IEEE 802.3/802.3u standards
—
Integrated Ethernet MAC and PHY
—
10BASE-T and 100BASE-TX support
—
Full- and Half-duplex support
—
Full-duplex flow control
—
Backpressure for half-duplex flow control
—
Preamble generation and removal
—
Automatic 32-bit CRC generation and checking
—
Automatic payload padding and pad removal
—
Loop-back modes
Flexible address filtering modes
—
One 48-bit perfect address
—
64 hash-filtered multicast addresses
—
Pass all multicast
—
Promiscuous mode
—
Inverse filtering
—
Pass all incoming with status report
—
Disable reception of broadcast packets
Integrated 10/100 Ethernet PHY
—
Supports HP Auto-MDIX
—
Auto-negotiation
—
Supports energy-detect power down
High-Performance host bus interface
—
Simple, SRAM-like interface
—
16-bit data bus
—
16Kbyte FIFO with flexible TX/RX allocation
—
One configurable host interrupt
Miscellaneous features
—
Small form factor, 56-pin QFN lead-free RoHS
Compliant package
—
Integrated 1.8V regulator
—
Integrated checksum offload engine
—
Mixed endian support
—
General Purpose Timer
—
Optional EEPROM interface
—
Support for 3 status LEDs multiplexed with
Programmable GPIO signals
Single 3.3V Power Supply with 5V tolerant I/O
0
°C to +70°C Commercial Temperature Support


Similar Part No. - LAN9211

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 147P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9211-ABZJ SMSC-LAN9211-ABZJ Datasheet
1Mb / 144P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9211-ABZJ SMSC-LAN9211-ABZJ Datasheet
1Mb / 147P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9211 SMSC-LAN9211_12 Datasheet
1Mb / 147P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
More results

Similar Description - LAN9211

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 134P
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9210 SMSC-LAN9210 Datasheet
4Mb / 146P
Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9211 SMSC-LAN9211_12 Datasheet
1Mb / 147P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9210 SMSC-LAN9210_12 Datasheet
2Mb / 147P
Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com