Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 59 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 55Page - SMSC Corporation LAN9211 Datasheet HTML 56Page - SMSC Corporation LAN9211 Datasheet HTML 57Page - SMSC Corporation LAN9211 Datasheet HTML 58Page - SMSC Corporation LAN9211 Datasheet HTML 59Page - SMSC Corporation LAN9211 Datasheet HTML 60Page - SMSC Corporation LAN9211 Datasheet HTML 61Page - SMSC Corporation LAN9211 Datasheet HTML 62Page - SMSC Corporation LAN9211 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
59
Revision 1.93 (11-27-07)
DATASHEET
Figure 3.17 TX Example 3
0
31
TX Command 'B'
Pad DWORD 1
7-Byte Data Start Offset
10-Byte
End Padding
Buffer End Alignment = 1
Data Start Offset = 7
First Segment = 0
Last Segment = 0
Buffer Size = 79
0
31
TX Command 'B'
10-Byte
End Offset Padding
Buffer End Alignment = 1
Data Start Offset = 0
First Segment = 0
Last Segment = 0
Buffer Size = 15
0
31
TX Command 'B'
Buffer End Alignment = 1
Data Start Offset = 10
First Segment = 0
Last Segment = 1
Buffer Size = 17
10-Byte
Data Start Offset
TX Command 'A'
TX Command 'B'
TX Command 'A'
TX Command 'B'
TX Command 'A'
TX Command 'B'
NOTE: Extra bytes
between buffers are
not transmitted
Data Written to the
Ethernet Controller
Data Passed to the
TX Data FIFO
5-Byte End Padding
TX Command 'A'
TX Command 'B'
TX Command 'A'
TX Command 'A'
79-Byte Payload
15-Byte Payload
17-Byte Payload
NOTE: When enabled, the TX Checksum
Pr eam ble is pr e- pend ed to d a ta t o be
transmitted. The FS bit in TX Command 'A', the
CK bit in TX Command 'B' and the TXCOE_EN
bit in the COE_CR register must all be set for
the TX checksum to be generated. FS must
not be set for subsequent fragments of the
same packet.
TX Command 'A'
0
31
TX Command 'B'
4-Byte Data Start Offset
8-Byte End Padding
Buffer End Alignment = 1
Data Start Offset = 4
First Segment = 1
Last Segment = 0
Buffer Size = 4
Packet Length = 115
TX Command 'A'
TX Command 'B'
TX Checksum Location = 50
Checksum Preamble
TX Checksum Start Pointer = 14
TX Command 'A'
TX Checksum Preamble
TX Checksum Preamble
TX Command 'A'
79-Byte Payload
TX Command 'A'
15-Byte Payload
1B
TX Command 'A'
17-Byte Payload Data
TX Checksum Enable = 1
Packet Length = 115
TX Checksum Enable = 1
Packet Length = 115
TX Checksum Enable = 1
Packet Length = 115
TX Checksum Enable = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com