Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 77 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 77 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 73Page - SMSC Corporation LAN9211 Datasheet HTML 74Page - SMSC Corporation LAN9211 Datasheet HTML 75Page - SMSC Corporation LAN9211 Datasheet HTML 76Page - SMSC Corporation LAN9211 Datasheet HTML 77Page - SMSC Corporation LAN9211 Datasheet HTML 78Page - SMSC Corporation LAN9211 Datasheet HTML 79Page - SMSC Corporation LAN9211 Datasheet HTML 80Page - SMSC Corporation LAN9211 Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
77
Revision 1.93 (11-27-07)
DATASHEET
Chapter 5 Register Description
The following section describes all LAN9211 registers and data ports.
Figure 5.1 Memory Map
MACCSRPort
A4h
B0h
Base +
00h
RESERVED
B4h
A0h
RX Data FIFO Port
TX Data FIFO Port
RX Status FIFO Port
40h
20h
50h
FCh
EEPROMPort
04h
1Ch
RX Data FIFO Alias Ports
24h
3Ch
TX Data FIFO Alias Ports
RX Status FIFO PEEK
44h
TX Status FIFO Port
48h
TX Status FIFO PEEK
4Ch
A8h
ACh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com