Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 28 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 24Page - SMSC Corporation LAN9211 Datasheet HTML 25Page - SMSC Corporation LAN9211 Datasheet HTML 26Page - SMSC Corporation LAN9211 Datasheet HTML 27Page - SMSC Corporation LAN9211 Datasheet HTML 28Page - SMSC Corporation LAN9211 Datasheet HTML 29Page - SMSC Corporation LAN9211 Datasheet HTML 30Page - SMSC Corporation LAN9211 Datasheet HTML 31Page - SMSC Corporation LAN9211 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
28
SMSC
LAN9211
DATASHEET
3.5.1
Magic Packet Detection
Setting the Magic Packet Enable bit (MPEN) in the “WUCSR—Wake-up Control and Status Register”,
places the LAN9211 MAC in the “Magic Packet” detection mode. In this mode, normal data reception
is disabled, and detection logic within the MAC examines receive data for a Magic Packet. The
LAN9211 can be programmed to notify the host of the “Magic Packet” detection with the assertion of
the host interrupt (IRQ) or assertion of the power management event signal (PME). Upon detection,
the Magic Packet Received bit (MPR) in the WUCSR is set. When the host clears the MPEN bit the
LAN9211 will resume normal receive operation. Please refer to Section 5.4.12, "WUCSR—Wake-up
Control and Status Register," on page 116 for additional information on this register
In Magic Packet mode, the Power Management Logic constantly monitors each frame addressed to
the node for a specific Magic Packet pattern. It checks only packets with the MAC’s address or a
broadcast address to meet the Magic Packet requirement. The Power Management Logic checks each
received frame for the pattern 48h FF_FF_FF_FF_FF_FF after the destination and source address
field.
Then the Function looks in the frame for 16 repetitions of the MAC address without any breaks or
interruptions. In case of a break in the 16 address repetitions, the PMT Function scans for the
48'hFF_FF_FF_FF_FF_FF pattern again in the incoming frame.
The 16 repetitions may be anywhere in the frame but must be preceded by the synchronization stream.
The device will also accept a multicast frame, as long as it detects the 16 duplications of the MAC
address. If the MAC address of a node is 00h 11h 22h 33h 44h 55h, then the MAC scans for the
following data sequence in an Ethernet: Frame.
Destination Address Source Address ……………FF FF FF FF FF FF
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
…CRC
It should be noted that Magic Packet detection can be performed when LAN9211 is in the D0 or D1
power states. In the D0 state, “Magic Packet” detection is enabled when the MPEN bit is set. In the
D1 state, Magic Packet detection, as well as wake-up frame detection, are automatically enabled when
the device enters the D1 state.
3.6
Checksum Offload Engines (COE)
The LAN9211 contains two checksum offload engines, which offload the calculation of the 16-bit
checksum for transmitted and received Ethernet frames. The functionality of the checksum offload
engines is described in the following sections:
Receive Checksum Offload Engine (RXCOE)
Transmit Checksum Offload Engine (TXCOE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com