Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 64 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 60Page - SMSC Corporation LAN9211 Datasheet HTML 61Page - SMSC Corporation LAN9211 Datasheet HTML 62Page - SMSC Corporation LAN9211 Datasheet HTML 63Page - SMSC Corporation LAN9211 Datasheet HTML 64Page - SMSC Corporation LAN9211 Datasheet HTML 65Page - SMSC Corporation LAN9211 Datasheet HTML 66Page - SMSC Corporation LAN9211 Datasheet HTML 67Page - SMSC Corporation LAN9211 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
64
SMSC
LAN9211
DATASHEET
3.13.2
RX Packet Format
The RX status words can be read from the RX status FIFO port, while the RX data packets can be
read from the RX data FIFO. RX data packets are formatted in a specific manner before the host can
read them as shown in Figure 3.20. It is assumed that the host has previously read the associated
status word from the RX status FIFO, to ascertain the data size and any error conditions.
Figure 3.21 shows the RX packet format when the RX checksum is enabled. The RX checksum data
appended to the data payload is treated just as an additional 4-bytes within the RX Data FIFO. The
RX checksum is enabled by setting the RXCOE_EN bit in the COE_CR—Checksum Offload Engine
Control Register. For more information on the RX checksum, refer to Section 3.6.1, "Receive
Checksum Offload Engine (RXCOE)".
Figure 3.20 RX Packet Format
ofs + First Data DWORD
.
.
.
.
Last Data DWORD
0
31
Host Read
Order
1st
2nd
Last
Optional Pad DWORD0
.
.
Optional Pad DWORDn
Optional offset DWORD0
.
.
Optional offset DWORDn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com