Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 12 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 8Page - SMSC Corporation LAN9211 Datasheet HTML 9Page - SMSC Corporation LAN9211 Datasheet HTML 10Page - SMSC Corporation LAN9211 Datasheet HTML 11Page - SMSC Corporation LAN9211 Datasheet HTML 12Page - SMSC Corporation LAN9211 Datasheet HTML 13Page - SMSC Corporation LAN9211 Datasheet HTML 14Page - SMSC Corporation LAN9211 Datasheet HTML 15Page - SMSC Corporation LAN9211 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
12
SMSC
LAN9211
DATASHEET
1.1
Internal Block Overview
This section provides an overview of each of these functional blocks as shown in Figure 1.2, "Internal
Block Diagram".
Figure 1.2 Internal Block Diagram
1.2
10/100 Ethernet PHY
The LAN9211 integrates an IEEE 802.3 physical layer for twisted pair Ethernet applications. The PHY
can be configured for either 100 Mbps (100BASE-TX) or 10 Mbps (10BASE-T) Ethernet operation in
either full or half duplex configurations. The PHY block supports HP Auto-MDIX and auto-negotiation.
Minimal external components are required for the utilization of the Integrated PHY.
1.3
10/100 Ethernet MAC
The transmit and receive data paths are separate within the MAC allowing the highest performance
especially in full duplex mode. The data paths connect to the PIO interface Function via separate
busses to increase performance. Payload data as well as transmit and receive status is passed on
these busses.
A third internal bus is used to access the MAC’s Control and Status Registers (CSR’s). This bus is
accessible from the host through the PIO interface function.
On the backend, the MAC interfaces with the internal 10/100 PHY through a MII (Media Independent
Interface) port internal to the LAN9211. The MAC CSR's also provide a mechanism for accessing the
PHY’s internal registers through the internal SMI (Serial Management Interface) bus.
10/100
Ethernet
PHY
10/100
Ethernet
MAC
2kB to 14kB
Configurable TX FIFO
2kB to 14kB
Configurable RX FIFO
Interrupt
Controller
GP Timer
PIO Controller
3.3V to 1.8V
Regulator
PLL
25MHz
+3.3V
LAN
EEPROM
Controller
EEPROM
(Optional)
RX Status FIFO
TX Status FIFO
MIL - TX Elastic
Buffer - 2K bytes
MIL - RX Elastic
Buffer - 128 bytes
Power Management
IRQ
FIFO_SEL
PME
Wakup Indicator
Host Bus Interface
(HBI)
16-bit SRAM I/F
RX Checksum
Offload Engine
TX Checksum
Offload Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com