Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 47 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 43Page - SMSC Corporation LAN9211 Datasheet HTML 44Page - SMSC Corporation LAN9211 Datasheet HTML 45Page - SMSC Corporation LAN9211 Datasheet HTML 46Page - SMSC Corporation LAN9211 Datasheet HTML 47Page - SMSC Corporation LAN9211 Datasheet HTML 48Page - SMSC Corporation LAN9211 Datasheet HTML 49Page - SMSC Corporation LAN9211 Datasheet HTML 50Page - SMSC Corporation LAN9211 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
47
Revision 1.93 (11-27-07)
DATASHEET
APPLICATION NOTE: Under normal conditions, the READY bit in PMT_CTRL will be set (high -”1”) after an internal
reset (22ms). If the software driver polls this bit and it is not set within 100ms, then an error
condition occurred.
3.11.1
Hardware Reset Input (nRESET)
A hardware reset will occur when the nRESET input signal is driven low. The READY bit in the
PMT_CTRL register can be read from the host interface, and will read back a ‘0’ until the hardware
reset is complete. Upon completion of the hardware reset, the READY bit in PMT_CTRL is set high.
After the “READY” bit is set, the LAN9211 can be configured via its control registers. The nRESET
signal is pulled-high internally by the LAN9211 and can be left unconnected if unused. If used, nRESET
must be driven low for a minimum period as defined in Section 6.8, "Reset Timing," on page 137. If
nRESET is unused, the device must be reset following power-up via a soft reset (SRST).
APPLICATION NOTE: Under normal conditions, the READY bit in PMT_CTRL will be set (high -”1”) immediately. If
the software driver polls this bit and it is not set within 100ms, then an error condition
occurred.
3.11.2
Resume Reset Timing
After issuing a write to the BYTE_TEST register to wake the LAN9211 from a power-down state, the
READY bit in PMT_CTRL will assert (set High) within 2ms.
APPLICATION NOTE: Under normal conditions, the READY bit in PMT_CTRL will be set (high -”1”) within 2 ms. If
the software driver polls this bit and it is not set within 100ms, then an error condition
occurred.
3.11.3
Soft Reset (SRST)
Soft reset is initiated by writing a ‘1’ to bit 0 of the HW_CFG register (SRST). This self-clearing bit will
return to ‘0’ after approximately 2
μs, at which time the Soft Reset is complete. Soft reset does not
clear control register bits marked as NASR. Following power-on, a soft reset must not be performed
until the READY bit in the PMT_CTRL register has been set.
APPLICATION NOTE: Under normal conditions, the READY bit in PMT_CTRL will be set (high -”1”) immediately,
(within 2
μs). If the software driver polls this bit and it is not set within 100ms, then an error
condition occurred.
3.11.4
PHY Reset Timing
The following sections specify the operation and time required for the internal PHY to become
operational after various resets or when returning from the reduced power state.
3.11.4.1
PHY Soft Reset via PMT_CTRL bit 10 (PHY_RST)
The PHY soft reset is initiated by writing a ‘1’ to bit 10 of the PMT_CTRL register (PHY_RST). This
self-clearing bit will return to ‘0’ after approximately 100
μs, at which time the PHY reset is complete.
3.11.4.2
PHY Soft Reset via PHY Basic Control Register (PHY Reg. 0.15)
The PHY Reg. 0.15 Soft Reset is initiated by writing a ‘1’ to bit 15 of the PHY’s Basic Control Register.
This self-clearing bit will return to ‘0’ at which time the PHY reset is complete.
3.12
TX Data Path Operation
Data is queued for transmission by writing it into the TX data FIFO. Each packet to be transmitted may
be divided among multiple buffers. Each buffer starts with a two DWORD TX command (TX command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com