Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 19 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 15Page - SMSC Corporation LAN9211 Datasheet HTML 16Page - SMSC Corporation LAN9211 Datasheet HTML 17Page - SMSC Corporation LAN9211 Datasheet HTML 18Page - SMSC Corporation LAN9211 Datasheet HTML 19Page - SMSC Corporation LAN9211 Datasheet HTML 20Page - SMSC Corporation LAN9211 Datasheet HTML 21Page - SMSC Corporation LAN9211 Datasheet HTML 22Page - SMSC Corporation LAN9211 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
19
Revision 1.93 (11-27-07)
DATASHEET
Note 2.1
Please refer to the SMSC application note AN16.6 - “Migrating from LAN9215 to the
LAN9210/LAN9211” for additional details.
General Purpose
I/O data,
nLED1 (Speed
Indicator),
nLED2 (Link &
Activity Indicator),
nLED3 (Full-
Duplex
Indicator).
GPIO[2:0]/
nLED[3:1]
IS/O12/
OD12
3
General Purpose I/O data: These three
general-purpose signals are fully programmable
as either push-pull output, open-drain output or
input by writing the GPIO_CFG configuration
register in the CSR’s. They are also multiplexed
as GP LED connections.
GPIO signals are Schmitt-triggered inputs.
When configured as LED outputs these signals
are open-drain.
nLED1 (Speed Indicator). This signal is driven
low when the operating speed is 100Mbs,
during auto-negotiation and when the cable is
disconnected. This signal is driven high only
during 10Mbs operation.
nLED2 (Link & Activity Indicator). This signal
is driven low (LED on) when the LAN9211
detects a valid link. This signal is pulsed high
(LED off) for 80mS whenever transmit or
receive activity is detected. This signal is then
driven low again for a minimum of 80mS, after
which time it will repeat the process if TX or RX
activity is detected. Effectively, LED2 is
activated solid for a link. When transmit or
receive activity is sensed LED2 will flash as an
activity indicator.
nLED3 (Full-Duplex Indicator). This signal is
driven low when the link is operating in full-
duplex mode.
+3.3V I/O Power
VDD_IO
P
5
+3.3V I/O logic power supply pins
Common Ground
VSS
P
1 pad
Common Ground
+3.3V Analog
Power
VDD_A33
P
3
+3.3V analog power supply pins. See Note 2.1.
+1.8V Analog
Power
VDD_A18
P
1
+1.8V analog power supply pin. This pin must
be connected externally to VDD_CORE. See
Note 2.1.
Core Voltage
Decoupling
VDD_CORE
P
2
+1.8 V from internal core regulator. Both pins
must be connected together externally. Each
pin requires a 0.01uF decoupling capacitor. In
addition, pin 2 requires a bulk 10uF capacitor
(<2 Ohm ESR) in parallel. See Note 2.1.
Table 2.4 System and Power Signals (continued)
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com