Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 63 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 59Page - SMSC Corporation LAN9211 Datasheet HTML 60Page - SMSC Corporation LAN9211 Datasheet HTML 61Page - SMSC Corporation LAN9211 Datasheet HTML 62Page - SMSC Corporation LAN9211 Datasheet HTML 63Page - SMSC Corporation LAN9211 Datasheet HTML 64Page - SMSC Corporation LAN9211 Datasheet HTML 65Page - SMSC Corporation LAN9211 Datasheet HTML 66Page - SMSC Corporation LAN9211 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
63
Revision 1.93 (11-27-07)
DATASHEET
When performing a fast-forward, there must be at least 4 DWORDs of data in the RX data FIFO for
the packet being discarded. For less than 4 DWORDs do not use RX_FFWD. In this case data must
be read from the RX data FIFO and discarded using standard PIO read operations.
After initiating a fast-forward operation, do not perform any reads of the RX data FIFO until the
RX_FFWD bit is cleared. Other resources can be accessed during this time (i.e., any registers and/or
the other three FIFOs). Also note that the RX_FFWD will only fast-forward the RX data FIFO, not the
RX status FIFO.
The receiver does not have to be stopped to perform a fast-forward operation.
3.13.1.2
Force Receiver Discard (Receiver Dump)
In addition to the Receive data Fast Forward feature, LAN9211 also implements a receiver "dump"
feature. This feature allows the host processor to flush the entire contents of the RX data and RX
status FIFOs. When activated, the read and write pointers for the RX data and status FIFOs will be
returned to their reset state. To perform a receiver dump, the LAN9211 receiver must be halted. Once
the receiver stop completion is confirmed, the RX_DUMP bit can be set in the RX_CFG register. The
RX_DUMP bit is cleared when the dump is complete. For more information on stopping the receiver,
please refer to Section 3.13.4, "Stopping and Starting the Receiver," on page 66. For more information
on the RX_DUMP bit, please refer to Section 5.3.7, "RX_CFG—Receive Configuration Register," on
page 86.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com