Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 86 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 86 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 82Page - SMSC Corporation LAN9211 Datasheet HTML 83Page - SMSC Corporation LAN9211 Datasheet HTML 84Page - SMSC Corporation LAN9211 Datasheet HTML 85Page - SMSC Corporation LAN9211 Datasheet HTML 86Page - SMSC Corporation LAN9211 Datasheet HTML 87Page - SMSC Corporation LAN9211 Datasheet HTML 88Page - SMSC Corporation LAN9211 Datasheet HTML 89Page - SMSC Corporation LAN9211 Datasheet HTML 90Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
86
SMSC
LAN9211
DATASHEET
5.3.7
RX_CFG—Receive Configuration Register
This register controls the LAN9211 receive engine.
Offset:
6Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:30
RX End Alignment. This field specifies the alignment that must be
maintained on the last data transfer of a buffer. The LAN9211 will add
extra DWORDs of data up to the alignment specified in the table below.
The host is responsible for removing these extra DWORDs. This
mechanism can be used to maintain cache line alignment on host
processors.
Please refer to Table 5.2 for bit definitions
Note:
The desired RX End Alignment must be set before reading a
packet. The RX end alignment can be changed between reading
receive packets, but must not be changed if the packet is
partially read.
R/W
00b
29-28
Reserved
RO
-
27-16
RX DMA Count (RX_DMA_CNT). This 12-bit field indicates the amount
of data, in DWORDS, to be transferred out of the RX data FIFO before
asserting the RXD_INT. After being set, this field is decremented for each
DWORD of data that is read from the RX data FIFO. This field can be
overwritten with a new value before it reaches zero.
R/W
000h
15
Force RX Discard (RX_DUMP). This self-clearing bit clears the RX data
and status FIFOs of all pending data. When a ‘1’ is written, the RX data
and status pointers are cleared to zero.
Note:
Please refer to section “Force Receiver Discard (Receiver
Dump)” on page 63 for a detailed description regarding the use
of RX_DUMP.
SC
0
14-13
Reserved
RO
-
12-8
RX Data Offset (RXDOFF). This field controls the offset value, in bytes,
that is added to the beginning of an RX data packet. The start of the valid
data will be shifted by the number of bytes specified in this field. An offset
of 0-31 bytes is a valid number of offset bytes.
Note:
The two LSBs of this field (D[9:8]) must not be modified while
the RX is running. The receiver must be halted, and all data
purged before these two bits can be modified. The upper three
bits (DWORD offset) may be modified while the receiver is
running. Modifications to the upper bits will take affect on the
next DWORD read.
R/W
00000
7-0
Reserved
RO
-
Table 5.2 RX Alignment Bit Definitions
[31]
[30]
End Alignment
0
0
4-byte alignment
0
1
16-byte alignment
1
0
32-byte alignment
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com