Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 28Page - SMSC Corporation LAN9211 Datasheet HTML 29Page - SMSC Corporation LAN9211 Datasheet HTML 30Page - SMSC Corporation LAN9211 Datasheet HTML 31Page - SMSC Corporation LAN9211 Datasheet HTML 32Page - SMSC Corporation LAN9211 Datasheet HTML 33Page - SMSC Corporation LAN9211 Datasheet HTML 34Page - SMSC Corporation LAN9211 Datasheet HTML 35Page - SMSC Corporation LAN9211 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
32
SMSC
LAN9211
DATASHEET
3.6.2
Transmit Checksum Offload Engine (TXCOE)
The transmit checksum offload engine provides assistance to the CPU by calculating a 16-bit
checksum, typically for TCP, for a transmit Ethernet frame. The TXCOE calculates the checksum and
inserts the results back into the data stream as it is transferred to the MAC.
To activate the TXCOE and perform a checksum calculation, the host must first set the TX checksum
offload engine enable bit (TXCOE_EN) in the COE_CR—Checksum Offload Engine Control Register.
The host then pre-pends a 3 DWORD buffer to the data that will be transmitted. The pre-pended buffer
includes a TX Command ‘A’, TX Command ‘B’, and a 32-bit TX checksum preamble. When bit 14 (CK)
of the TX Command ‘B’ is set in conjunction with bit 13 (FS) of TX Command ‘A’ and bit 16
(TXCOE_EN) of the COE_CR register, the TXCOE will perform a checksum calculation on the
associated packet. When these three bits are set, a 32-bit TX checksum preamble must be pre-pended
to the beginning of the TX packet (refer to Table 3.7). The TX checksum preamble instructs the TXCOE
on the handling of the associated packet. Bits 11:0 of the TX checksum preamble define the byte offset
at which the data checksum calculation will begin (TXCSSP). The checksum calculation will begin at
this offset and will continue until the end of the packet. The data checksum calculation must not begin
in the MAC header (first 14 bytes) or in the last 4 bytes of the TX packet. When the calculation is
complete, the checksum will be inserted into the packet at the byte offset defined by bits 27:16 of the
TX checksum preamble (TXCSLOC). The TX checksum cannot be inserted in the MAC header (first
14 bytes) or in the last 4 bytes of the TX packet. If the CK bit is not set in the first TX Command ‘B’
of a packet, the packet is passed directly through the TXCOE without modification, regardless if the
TXCOE_EN is set. An example of a TX packet with a pre-pended TX checksum preamble can be
found in Section 3.12.6.3, "TX Example 3". In this example the host writes the packet data to the
ethernet controller in four fragments, the first containing the TX Checksum Preamble. Figure 3.17
shows how these fragments are loaded into the TX Data FIFO. For more information on the TX
Command ‘A’ and TX Command ‘B’, refer to Section 3.12.2, "TX Command Format".
If the TX packet already includes a partial checksum calculation (perhaps inserted by an upper layer
protocol), this checksum can be included in the hardware checksum calculation by setting the TXCSSP
field in the TX checksum preamble to include the partial checksum. The partial checksum can be
replaced by the completed checksum calculation by setting the TXCSLOC pointer to point to the
location of the partial checksum.
Note: When the TXCOE is enabled, the third DWORD of the pre-pended packet is not transmitted.
However, 4 bytes must be added to the packet length field in TX Command ‘B’.
Note: When the TXCOE is enabled, the store and forward mode must be enabled (bit 20 (SF) of the
HW_CFG—Hardware Configuration Register must be set).
Table 3.7 TX Checksum Preamble
FIELD
DESCRIPTION
31:28
RESERVED
27:16
TXCSLOC - TX Checksum Location
This field specifies the byte offset where the TX checksum will be inserted in the TX packet. The
checksum will replace two bytes of data starting at this offset.
Note:
The TX checksum cannot be inserted in the MAC header (first 14 bytes) or in the last 4
bytes of the TX packet.
15:12
RESERVED
11:0
TXCSSP - TX Checksum Start Pointer
This field indicates start offset, in bytes, where the checksum calculation will begin in the associated
TX packet.
Note:
The data checksum calculation must not begin in the MAC header (first 14 bytes) or in
the last 4 bytes of the TX packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com