Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 33 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 29Page - SMSC Corporation LAN9211 Datasheet HTML 30Page - SMSC Corporation LAN9211 Datasheet HTML 31Page - SMSC Corporation LAN9211 Datasheet HTML 32Page - SMSC Corporation LAN9211 Datasheet HTML 33Page - SMSC Corporation LAN9211 Datasheet HTML 34Page - SMSC Corporation LAN9211 Datasheet HTML 35Page - SMSC Corporation LAN9211 Datasheet HTML 36Page - SMSC Corporation LAN9211 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
33
Revision 1.93 (11-27-07)
DATASHEET
Note: The TX checksum preamble must be DWORD-aligned (i.e., the two least significant bits of the
Data Start Offset fields in TX Command “A” must be zero). Any valid buffer end alignment
setting can be used.
Note: Software applications must stop the transmitter and flush the TX data path before changing the
state of the TXCOE_EN bit. However, the CK bit of TX Command ‘B’ can be set or cleared on
a per-packet basis.
3.6.2.1
TX Checksum Calculation
The TX checksum calculation is performed using the same operation as the RX checksum shown in
Section 3.6.1.1, with the exception that the calculation starts as indicated by the preamble, and the
transmitted checksum is the one’s-compliment of the final calculation.
3.7
Host Bus Operations
3.7.1
Bus Writes
The host processor is required to perform two contiguous 16-bit writes to complete a single DWORD
transfer. This DWORD must begin and end on a DWORD address boundary (A[2] and higher, cannot
change during a sixteen bit write). No ordering requirements exist. The processor can access either
the low or high word first, as long as the next write is performed to the other word. If a write to the
same word is performed, the LAN9211 disregards the transfer.
3.7.2
Bus Reads
The host processor is required to perform two consecutive 16-bit reads to complete a single DWORD
transfer. This DWORD must begin and end on a DWORD address boundary (A[2] and higher, cannot
change during a sixteen bit read). No ordering requirements exist. The processor can access either
the low or high word first, as long as the next read is performed from the other word. If a read to the
same word is performed, the data read is invalid and should be re-read. This is not a fatal error. The
LAN9211 will reset its read counters and restart a new cycle on the next read.
3.7.3
Mixed Endian Support
In order to allow flexibility with a range of designs, the LAN9211 supports mixed endian Data FIFO
accesses. The LAN9211 provides the ability to select Data FIFO endianess separately for accesses
through the Data FIFO ports (addresses 00h-3Ch) or using the FIFO_SEL input signal. This is
accomplished via the FPORTEND and FSELEND bits of the HW_CFG—Hardware Configuration
Register, respectively.
The FPORTEND bit determines the endianess of RX and TX Data FIFO host accesses made through
the Data FIFO port addresses (00h-3Ch). When FPORTEND is cleared, Data FIFO port accesses
utilize little endian byte ordering. When FPORTEND is set, Data FIFO port accesses utilize big endian
byte ordering.
The FSELEND bit determines the endianess of RX and TX Data FIFO host accesses when using the
FIFO_SEL signal. When FSELEND is cleared, FIFO_SEL accesses utilize little endian byte ordering.
When FSELEND is set, FIFO_SEL accesses utilize big endian byte ordering.
In addition to mixed endian support, the LAN9211 provides a word swap function, as described in
Section 3.7.4. The word swap function combined with the endianess select bits described above
determines how the Data/Status FIFO’s and CSR host access byte ordering is applied. Table 3.8
describes the various operation modes of the endianess and word swap ordering logic. Figure 3.3
illustrates the FIFO access byte ordering under various endianess and word swap settings. Refer to
Section 3.7.4 for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com