Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 93 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 93 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 89Page - SMSC Corporation LAN9211 Datasheet HTML 90Page - SMSC Corporation LAN9211 Datasheet HTML 91Page - SMSC Corporation LAN9211 Datasheet HTML 92Page - SMSC Corporation LAN9211 Datasheet HTML 93Page - SMSC Corporation LAN9211 Datasheet HTML 94Page - SMSC Corporation LAN9211 Datasheet HTML 95Page - SMSC Corporation LAN9211 Datasheet HTML 96Page - SMSC Corporation LAN9211 Datasheet HTML 97Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
93
Revision 1.93 (11-27-07)
DATASHEET
5.3.11
RX_FIFO_INF—Receive FIFO Information Register
This register contains the used space in the receive FIFOs of the LAN9211 Ethernet Controller.
5.3.12
TX_FIFO_INF—Transmit FIFO Information Register
This register contains the free space in the transmit data FIFO and the used space in the transmit
status FIFO in the LAN9211.
Offset:
7Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-24
Reserved
RO
-
23-16
RX Status FIFO Used Space (RXSUSED). Indicates the amount of space
in DWORDs, used in the RX Status FIFO.
RO
00h
15-0
RX Data FIFO Used Space (RXDUSED).). Reads the amount of space in
bytes, used in the RX data FIFO. For each receive frame, this field is
incremented by the length of the receive data rounded up to the nearest
DWORD (if the payload does not end on a DWORD boundary).
RO
0000h
Offset:
80h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-24
Reserved
RO
-
23-16
TX Status FIFO Used Space (TXSUSED). Indicates the amount of space
in DWORDS used in the TX Status FIFO.
RO
00h
15-0
TX Data FIFO Free Space (TDFREE). Reads the amount of space in bytes,
available in the TX data FIFO. The application should never write more data
than is available, as indicated by this value.
RO
1200h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com