Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 95 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 95 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 91Page - SMSC Corporation LAN9211 Datasheet HTML 92Page - SMSC Corporation LAN9211 Datasheet HTML 93Page - SMSC Corporation LAN9211 Datasheet HTML 94Page - SMSC Corporation LAN9211 Datasheet HTML 95Page - SMSC Corporation LAN9211 Datasheet HTML 96Page - SMSC Corporation LAN9211 Datasheet HTML 97Page - SMSC Corporation LAN9211 Datasheet HTML 98Page - SMSC Corporation LAN9211 Datasheet HTML 99Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
95
Revision 1.93 (11-27-07)
DATASHEET
5-4
WAKE-UP Status (WUPS) – This field indicates the cause of a wake-up
event detection as follows
00b -- No wake-up event detected
01b -- Energy detected
10b -- Wake-up frame or magic packet detected
11b -- Indicates multiple events occurred
WUPS bits are cleared by writing a ‘1’ to the appropriate bit. The device must
return to the D0 state (READY bit set) before these bits can be cleared.
Note:
In order to clear this bit, it is required that all event sources be
cleared as well. The event sources are described in Figure 3.12
PME and PME_INT Signal Generationon page 45.
R/WC
00
3
PME indication (PME_IND). The PME signal can be configured as a pulsed
output or a static signal, which is asserted upon detection of a wake-up
event.
When set, the PME signal will pulse active for 50mS upon detection of a
wake-up event.
When clear, the PME signal is driven continuously upon detection of a wake-
up event.
The PME signal can be deactivated by clearing the WUPS bits, or by
clearing the appropriate enable (refer to Section 3.10.2.3, "Power
Management Event Indicators," on page 45).
R/W
0b
2
PME Polarity (PME_POL). This bit controls the polarity of the PME signal.
When set, the PME output is an active high signal. When reset, it is active
low. When PME is configured as an open-drain output this field is ignored,
and the output is always active low.
R/W
NASR
0b
1
PME Enable (PME_EN). When set, this bit enables the external PME signal.
This bit does not affect the PME interrupt (PME_INT).
R/W
0b
0
Device Ready (READY). When set, this bit indicates that LAN9211 is ready
to be accessed. This register can be read when LAN9211 is in any power
management mode. Upon waking from any power management mode,
including power-up, the host processor can interrogate this field as an
indication when LAN9211 has stabilized and is fully alive. Reads and writes
of any other address are invalid until this bit is set.
Note:
With the exception of HW_CFG and PMT_CTRL, read access to
any internal resources is forbidden while the READY bit is cleared.
Note:
On power-up, this bit can be polled to indicate when a valid soft
reset (SRST) can be performed.
RO
-
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com