Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 17 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 13Page - SMSC Corporation LAN9211 Datasheet HTML 14Page - SMSC Corporation LAN9211 Datasheet HTML 15Page - SMSC Corporation LAN9211 Datasheet HTML 16Page - SMSC Corporation LAN9211 Datasheet HTML 17Page - SMSC Corporation LAN9211 Datasheet HTML 18Page - SMSC Corporation LAN9211 Datasheet HTML 19Page - SMSC Corporation LAN9211 Datasheet HTML 20Page - SMSC Corporation LAN9211 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
17
Revision 1.93 (11-27-07)
DATASHEET
Table 2.3 Serial EEPROM Interface Signals
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION
EEPROM Data,
GPO3, TX_EN,
TX_CLK
EEDIO/GPO3/
TX_EN/TX_CLK
I/O8
1
EEPROM Data: This bi-directional pin can be
connected to a serial EEPROM DIO. This is
optional.
General Purpose Output 3: This pin can also
function as a general purpose output, or it can
be configured to monitor the TX_EN or
TX_CLK signals on the internal MII port. When
configured as a GPO signal, or as a
TX_EN/TX_CLK monitor, the EECS pin is
deasserted so as to never unintentionally
access the serial EEPROM. This signal cannot
function as a general-purpose input.
EEPROM Chip
Select
EECS
O8
1
Serial EEPROM chip select.
EEPROM Clock,
GPO4 RX_DV,
RX_CLK
EECLK/GPO4/
RX_DV/RX_CLK
O8
(PU)
1
EEPROM Clock: Serial EEPROM Clock pin.
General Purpose Output 4: This pin can also
function as a general-purpose output, or it can
be configured to monitor the RX_DV or
RX_CLK signals on the internal MII port. When
configured as a GPO signal, or as an
RX_DV/RX_CLK monitor, the EECS pin is
deasserted so as to never unintentionally
access the serial EEPROM. This signal cannot
function as a general-purpose input.
Note:
When the EEPROM interface is not
used, the EECLK pin must be left
unconnected.
Note:
This pin must not be pulled low by an
external resistor or driven low
externally under any conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com