Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 81 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 81 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 77Page - SMSC Corporation LAN9211 Datasheet HTML 78Page - SMSC Corporation LAN9211 Datasheet HTML 79Page - SMSC Corporation LAN9211 Datasheet HTML 80Page - SMSC Corporation LAN9211 Datasheet HTML 81Page - SMSC Corporation LAN9211 Datasheet HTML 82Page - SMSC Corporation LAN9211 Datasheet HTML 83Page - SMSC Corporation LAN9211 Datasheet HTML 84Page - SMSC Corporation LAN9211 Datasheet HTML 85Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
81
Revision 1.93 (11-27-07)
DATASHEET
4
IRQ Polarity (IRQ_POL) – When cleared, enables the IRQ line to
function as an active low output. When set, the IRQ output is active high.
When IRQ is configured as an open-drain output this field is ignored,
and the interrupt output is always active low.
R/W
NASR
0
3-1
Reserved
RO
-
0
IRQ Buffer Type (IRQ_TYPE) – When cleared, enables IRQ to function
as an open-drain buffer for use in a Wired-Or Interrupt configuration.
When set, the IRQ output is a Push-Pull driver. When configured as an
open-drain output the IRQ_POL field is ignored, and the interrupt output
is always active low.
R/W
NASR
0
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com