Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 74 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 74 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 70Page - SMSC Corporation LAN9211 Datasheet HTML 71Page - SMSC Corporation LAN9211 Datasheet HTML 72Page - SMSC Corporation LAN9211 Datasheet HTML 73Page - SMSC Corporation LAN9211 Datasheet HTML 74Page - SMSC Corporation LAN9211 Datasheet HTML 75Page - SMSC Corporation LAN9211 Datasheet HTML 76Page - SMSC Corporation LAN9211 Datasheet HTML 77Page - SMSC Corporation LAN9211 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
74
SMSC
LAN9211
DATASHEET
abilities will be advertised. Auto-negotiation can also be disabled via software by clearing register 0,
bit 12.
The LAN9211 does not support “Next Page" capability.
4.7
Parallel Detection
If the LAN9211 is connected to a device lacking the ability to auto-negotiate (i.e. no FLPs are
detected), it is able to determine the speed of the link based on either 100M MLT-3 symbols or 10M
Normal Link Pulses. In this case the link is presumed to be half-duplex per the IEEE standard. This
ability is known as “Parallel Detection. This feature ensures inter operability with legacy link partners.
If a link is formed via parallel detection, then bit 0 in register 6 is cleared to indicate that the Link
Partner is not capable of auto-negotiation. The Ethernet MAC has access to this information via the
management interface. If a fault occurs during parallel detection, bit 4 of register 6 is set.
Register 5 is used to store the Link Partner Ability information, which is coded in the received FLPs.
If the Link Partner is not auto-negotiation capable, then register 5 is updated after completion of parallel
detection to reflect the speed capability of the Link Partner.
4.7.1
Re-starting Auto-negotiation
Auto-negotiation can be re-started at any time by setting register 0, bit 9. Auto-negotiation will also re-
start if the link is broken at any time. A broken link is caused by signal loss. This may occur because
of a cable break, or because of an interruption in the signal transmitted by the Link Partner. Auto-
negotiation resumes in an attempt to determine the new link configuration.
If the management entity re-starts Auto-negotiation by writing to bit 9 of the control register, the
LAN9211 will respond by stopping all transmission/receiving operations. Once the break_link_timer is
done, in the Auto-negotiation state-machine (approximately 1200ms) the auto-negotiation will re-start.
The Link Partner will have also dropped the link due to lack of a received signal, so it too will resume
auto-negotiation.
4.7.2
Disabling Auto-negotiation
Auto-negotiation can be disabled by setting register 0, bit 12 to zero. The device will then force its
speed of operation to reflect the information in register 0, bit 13 (speed) and register 0, bit 8 (duplex).
The speed and duplex bits in register 0 should be ignored when auto-negotiation is enabled.
4.7.3
Half vs. Full-Duplex
Half-duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect)
protocol to handle network traffic and collisions. In this mode, the internal carrier sense signal, CRS,
responds to both transmit and receive activity.
In this mode, If data is received while the PHY is
transmitting, a collision results.
In full-duplex mode, the PHY is able to transmit and receive data simultaneously. In this mode, the
internal CRS responds only to receive activity. The CSMA/CD protocol does not apply and collision
detection is disabled.
Table 4.2 describes the behavior of the internal CRS bit under all receive/transmit conditions. The
internal CRS signal is used to trigger bit 10 (No Carrier) of the TX Status word (See Section 3.12.4,
"TX Status Format"). The CRS value, and subsequently the No Carrier value, are invalid during any
full-duplex transmission. Therefore, these signals cannot be used as a verification method of
transmitted packets when transmitting in 10/100 Mbps full-duplex modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com