Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 18 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 14Page - SMSC Corporation LAN9211 Datasheet HTML 15Page - SMSC Corporation LAN9211 Datasheet HTML 16Page - SMSC Corporation LAN9211 Datasheet HTML 17Page - SMSC Corporation LAN9211 Datasheet HTML 18Page - SMSC Corporation LAN9211 Datasheet HTML 19Page - SMSC Corporation LAN9211 Datasheet HTML 20Page - SMSC Corporation LAN9211 Datasheet HTML 21Page - SMSC Corporation LAN9211 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
18
SMSC
LAN9211
DATASHEET
Table 2.4 System and Power Signals
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION
Crystal 1, Clock In
XTAL1/CLKIN
lclk
1
External 25MHz Crystal Input. This pin can also
be connected to single-ended TTL oscillator
(CLKIN). If this method is implemented, XTAL2
should be left unconnected.
Crystal 2
XTAL2
Oclk
1
External 25MHz Crystal output.
Reset
nRESET
IS
(PU)
1
Active-low reset input. Resets all logic and
registers within the LAN9211. This signal is
pulled high with a weak internal pull-up resistor.
Note:
The LAN9211 must be reset on power-
up via nRESET or following power-up
via a soft reset (SRST). The LAN9211
must always be read at least once
after reset, or upon return from a
power-saving state or write operations
will not function. See Section 3.11,
"Detailed Reset Description," on
page 46 for additional information
Wakeup Indicator
PME
O8/OD8
1
When programmed to do so, is asserted when
the LAN9211 detects a wake event and is
requesting the system to wake up from the
associated sleep state. The polarity and buffer
type of this signal is programmable.
Note:
Detection of a Power Management
Event, and assertion of the PME
signal will not wakeup the LAN9211.
The LAN9211 will only wake up when
it detects a host write cycle (assertion
of nCS and nWR). Although any write
to the LAN9211, regardless of the data
written, will wake-up the device when
it is in a power-saving mode, it is
required that the BYTE_TEST register
be used for this purpose.
Auto-MDIX Enable
AMDIX_EN
I
(PU)
1
Enables Auto-MDIX. Pull high or leave
unconnected to enable Auto-MDIX, pull low to
disable Auto-MDIX.
No Connect
NC
1
No Connect. This pin must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com