Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 27 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 23Page - SMSC Corporation LAN9211 Datasheet HTML 24Page - SMSC Corporation LAN9211 Datasheet HTML 25Page - SMSC Corporation LAN9211 Datasheet HTML 26Page - SMSC Corporation LAN9211 Datasheet HTML 27Page - SMSC Corporation LAN9211 Datasheet HTML 28Page - SMSC Corporation LAN9211 Datasheet HTML 29Page - SMSC Corporation LAN9211 Datasheet HTML 30Page - SMSC Corporation LAN9211 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
27
Revision 1.93 (11-27-07)
DATASHEET
The Filter i command register controls Filter i operation. Table 3.4 shows the Filter I command register.
The Filter i Offset register defines the offset in the frame’s destination address field from which the
frames are examined by Filter i. Table 3.5 describes the Filter i Offset bit fields.
The Filter i CRC-16 register contains the CRC-16 result of the frame that should pass Filter i.
Table 3.6 describes the Filter i CRC-16 bit fields.
Table 3.3 Filter i Byte Mask Bit Definitions
FILTER I BYTE MASK DESCRIPTION
FIELD
DESCRIPTION
31
Must be zero (0)
30:0
Byte Mask: If bit j of the byte mask is set, the CRC machine processes byte number pattern - (offset
+ j) of the incoming frame. Otherwise, byte pattern - (offset + j) is ignored.
Table 3.4 Filter i Command Bit Definitions
FILTER i COMMANDS
FIELD
DESCRIPTION
3
Address Type: Defines the destination address type of the pattern. When bit is set, the pattern
applies
only to multicast frames. When bit is cleared, the pattern applies only to unicast frames.
2:1
RESERVED
0
Enable Filter: When bit is set, Filter i is enabled, otherwise, Filter i is disabled.
Table 3.5 Filter i Offset Bit Definitions
FILTER I OFFSET DESCRIPTION
FIELD
DESCRIPTION
7:0
Pattern Offset: The offset of the first byte in the frame on which CRC is checked for wake-up frame
recognition. The minimum value of this field must be 12 since there should be no CRC check for
the destination address and the source address fields. The MAC checks the first offset byte of the
frame for CRC and checks to determine whether the frame is a wake-up frame. Offset 0 is the first
byte of the incoming frame's destination address.
Table 3.6 Filter i CRC-16 Bit Definitions
FILTER I CRC-16 DESCRIPTION
FIELD
DESCRIPTION
15:0
Pattern CRC-16: This field contains the 16-bit CRC value from the pattern and the byte mask
programmed to the wake-up filter register Function. This value is compared against the CRC
calculated on the incoming frame, and a match indicates the reception of a wakeup frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com