Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 34 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 30Page - SMSC Corporation LAN9211 Datasheet HTML 31Page - SMSC Corporation LAN9211 Datasheet HTML 32Page - SMSC Corporation LAN9211 Datasheet HTML 33Page - SMSC Corporation LAN9211 Datasheet HTML 34Page - SMSC Corporation LAN9211 Datasheet HTML 35Page - SMSC Corporation LAN9211 Datasheet HTML 36Page - SMSC Corporation LAN9211 Datasheet HTML 37Page - SMSC Corporation LAN9211 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
34
SMSC
LAN9211
DATASHEET
Note: CSR and status FIFO accesses are not affected by the FPORTEND and FSELEND endianess
select bits.
3.7.4
Word Swap Function
In addition to mixed endian functionality, the LAN9211 supports a Word Swap Function. This feature
is controlled by the Word Swap Register, which is described in Section 5.3.17, "WORD_SWAP—Word
Swap Control," on page 98. This register affects how words on the data bus are written to or read from
the Control and Status Registers and the Transmit and Receive Data/Status FIFOs.
Both the word swap function and the mixed endian control bits contain the ability to change the byte
ordering of host data path accesses. Figure 3.2 illustrates the order in which the word swap and
endianess select logic is applied within the LAN9211. Logically, the endian control logic is applied after
the word swap logic for write operations, and before the word swap logic for read operations.
Data path operations for the various supported endianess and word swap configurations are illustrated
in Figure 3.3. Table 3.8, "Endian Ordering Logic Operation" illustrates the byte ordering applied by the
endian logic for each type of host access. This figure and table assume an internal byte ordering of 3-
2-1-0, where ‘3’ is the most significant byte (data[31:24]) and ‘0’ is the least significant byte (data[7:0]).
Figure 3.2 LAN9211 Host Data Path Diagram
"W ORD S W AP"
Logic
FIFO Port Endian O rdering
Logic
RX /TX Data FIFO Port
A ccess (addresses 00h to
3C h)
D irect FIFO A ccess E ndian
O rdering Logic
RX/TX Data FIFO Direct
A ccess
(FIFO _SE L = 1)
CSRs and S tatus FIFO s
FPO R TEN D
(H W _C FG [29])
FSELEN D
(H W _C FG [28])
D[15:0]
(H ost D ata B us)
W O RD_S W AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com