Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 99 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 99 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 95Page - SMSC Corporation LAN9211 Datasheet HTML 96Page - SMSC Corporation LAN9211 Datasheet HTML 97Page - SMSC Corporation LAN9211 Datasheet HTML 98Page - SMSC Corporation LAN9211 Datasheet HTML 99Page - SMSC Corporation LAN9211 Datasheet HTML 100Page - SMSC Corporation LAN9211 Datasheet HTML 101Page - SMSC Corporation LAN9211 Datasheet HTML 102Page - SMSC Corporation LAN9211 Datasheet HTML 103Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
99
Revision 1.93 (11-27-07)
DATASHEET
5.3.18
FREE_RUN—Free-Run 25MHz Counter
This register reflects the value of the free-running 25MHz counter.
5.3.19
RX_DROP– Receiver Dropped Frames Counter
This register indicates the number of receive frames that have been dropped.
Offset:
9Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Free Running SCLK Counter (FR_CNT):
Note:
This field reflects the value of a free-running 32-bit counter. At reset
the counter starts at zero and is incremented for every 25MHz
cycle. When the maximum count has been reached the counter will
rollover. Since the bus interface is 16-bits wide, and this is a 32-bit
counter, the count value is latched on the first read. The
FREE_RUN counter can take up to 160nS to clear after a reset
event.
Note:
This counter will run regardless of the power management states
D0, D1 or D2.
RO
-
Offset:
A0h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-0
RX Dropped Frame Counter (RX_DFC). This counter is incremented every
time a receive frame is dropped. RX_DFC is cleared on any read of this
register.
An interrupt can be issued when this counter passes through its halfway
point (7FFFFFFFh to 80000000h).
RC
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com