Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 56 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 52Page - SMSC Corporation LAN9211 Datasheet HTML 53Page - SMSC Corporation LAN9211 Datasheet HTML 54Page - SMSC Corporation LAN9211 Datasheet HTML 55Page - SMSC Corporation LAN9211 Datasheet HTML 56Page - SMSC Corporation LAN9211 Datasheet HTML 57Page - SMSC Corporation LAN9211 Datasheet HTML 58Page - SMSC Corporation LAN9211 Datasheet HTML 59Page - SMSC Corporation LAN9211 Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
56
SMSC
LAN9211
DATASHEET
Figure 3.15, "TX Example 1" illustrates the TX command structure for this example, and also shows
how data is passed to the TX data FIFO.
Figure 3.15 TX Example 1
TXCommand'A'
0
31
TXCommand'B'
Pad DWORD 1
7-Byte Data Start Offset
10-Byte
EndPadding
79-BytePayload
Buffer End Alignment = 1
Data Start Offset = 7
First Segment = 1
Last Segment = 0
Buffer Size = 79
Packet Length = 111
TXCommand'A'
0
31
TXCommand'B'
10-Byte
EndOffsetPadding
15-BytePayload
Buffer End Alignment = 1
Data Start Offset = 0
First Segment = 0
Last Segment = 0
Buffer Size = 15
Packet Length = 111
TXCommand'A'
0
31
TXCommand'B'
Buffer End Alignment = 1
Data Start Offset = 10
First Segment = 0
Last Segment = 1
Buffer Size = 17
Packet Length = 111
10-Byte
Data Start Offset
TX Com m and 'A'
TX Com m and 'B'
TX Com m and 'A'
TX Com m and 'B'
TX Com m and 'A'
TX Com m and 'B'
NOTE: Extra bytes
betw een buffers are
not transmitted
Data Written to the
Ethernet Controller
Data Passed to the
TX Data FIFO
5-ByteEndPadding
17-BytePayloadData
TXCommand'A'
TXCommand'B'
TXCommand'A'
TXCommand'A'
1B
79-BytePayload
15-BytePayload
17-BytePayload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com