Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 88 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 88 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 84Page - SMSC Corporation LAN9211 Datasheet HTML 85Page - SMSC Corporation LAN9211 Datasheet HTML 86Page - SMSC Corporation LAN9211 Datasheet HTML 87Page - SMSC Corporation LAN9211 Datasheet HTML 88Page - SMSC Corporation LAN9211 Datasheet HTML 89Page - SMSC Corporation LAN9211 Datasheet HTML 90Page - SMSC Corporation LAN9211 Datasheet HTML 91Page - SMSC Corporation LAN9211 Datasheet HTML 92Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
88
SMSC
LAN9211
DATASHEET
5.3.9
HW_CFG—Hardware Configuration Register
Note: The transmitter and receiver must be stopped before writing to this register. Refer to Section
3.12.9, "Stopping and Starting the Transmitter," on page 60 and Section 3.13.4, "Stopping and
Starting the Receiver," on page 66 for details on stopping the transmitter and receiver.
Offset:
74h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
Reserved
RO
-
30
Reserved
RO
-
29
FIFO Port Endian Ordering (FPORTEND). This control bit determines the
endianess of RX and TX data FIFO host accesses when accessed through
the RX/TX Data FIFO ports, including the alias addresses (any access from
00h to 3Ch). When this bit is cleared, data FIFO port accesses utilize little
endian byte ordering. When this bit is set, data FIFO port accesses utilize
big endian byte ordering. Please refer to section Section 3.7.3, "Mixed
Endian Support," on page 33 for more information on this feature.
R/W
NASR
0
28
Direct FIFO Access Endian Ordering (FSELEND). This control bit
determines the endianess of RX and TX data FIFO host accesses when
accessed using the FIFO_SEL signal. When this bit is cleared, FIFO_SEL
accesses utilize little endian byte ordering. When this bit is set, FIFO_SEL
accesses utilize big endian byte ordering. Please refer to section Section
3.7.3, "Mixed Endian Support," on page 33 for more information on this
feature.
R/W
NASR
0
27-25
Reserved
RO
-
24
AMDIX_EN Strap State. This read-only bit reflects the state of the
AMDIX_EN strap pin (pin 73). This pin can be overridden by PHY Registers
27.15 and 27.13
RO
AMDIX
Strap
Pin
23-22
Reserved
RO
21
Transmit Threshold Mode (TTM). This bit is used to control the transmit
threshold the MIL uses as shown in the two tables in the TR field of this
register. This bit is ignored when the SF bit is set (1).
This bit should be set to '1' when operating in 10Mbps mode, and cleared
to '0' when operating in 100Mbps mode if the SF bit cleared.
R/W
0
20
Store and Forward (SF). When set, this bit instructs the MIL to store a
frame of transmit data in the MIL buffer before forwarding to its final
destination.
If this bit is set, the MIL buffers the entire frame before transmitting. TTM
and TR (see bits 21,13, and 12) are treated as Don’t Cares once the SF
mode is selected.
If this bit is reset, the MAC initiates transmission before it receives the entire
frame from the HBI (Host Bus Interface). TTM and TR (see bit 21,13, and
12) determine when the MIL initiates the transmission. If the host cannot
keep up with the MAC transmitting the Ethernet Packet, there is a risk of an
Underrun Error.
Note:
This bit must be set when using the TXCOE. Refer to Section
3.6.2, "Transmit Checksum Offload Engine (TXCOE)" for additional
information.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com