Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 48 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 44Page - SMSC Corporation LAN9211 Datasheet HTML 45Page - SMSC Corporation LAN9211 Datasheet HTML 46Page - SMSC Corporation LAN9211 Datasheet HTML 47Page - SMSC Corporation LAN9211 Datasheet HTML 48Page - SMSC Corporation LAN9211 Datasheet HTML 49Page - SMSC Corporation LAN9211 Datasheet HTML 50Page - SMSC Corporation LAN9211 Datasheet HTML 51Page - SMSC Corporation LAN9211 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
48
SMSC
LAN9211
DATASHEET
‘A’ and TX command ‘B’). The TX command instructs the LAN9211 on the handling of the associated
buffer. Packet boundaries are delineated using control bits within the TX command.
The host provides a 16-bit Packet Tag field in the TX command. The Packet Tag value is appended
to the corresponding TX status DWORD. All Packet Tag fields must have the same value for all buffers
in a given packet. If tags differ between buffers in the same packet the TXE error will be asserted. Any
value may be chosen for a Packet Tag as long as all tags in the same Packet are identical. Packet
Tags also provide a method of synchronization between transmitted packets and their associated
status. Software can use unique Packet Tags to assist with validating matching status completions.
Note 3.19 The use of packet tags is not required by the hardware. This is a software LAN driver only
application example for use of this field.
A Packet Length field in the TX command specifies the number of bytes in the associated packet. All
Packet Length fields must have the same value for all buffers in a given packet. Hardware compares
the Packet Length field and the actual amount of data received by the Ethernet controller. If the actual
packet length count does not match the Packet Length field as defined in the TX command, the
Transmitter Error (TXE) flag is asserted.
The LAN9211 can be programmed to start payload transmission of a buffer on a byte boundary by
setting the “Data Start Offset” field in the TX command. The “Data Start Offset” field points to the actual
start of the payload data within the first 8 DWORDs of the buffer. Data before the “Data Start Offset”
pointer will be ignored. When a packet is split into multiple buffers, each successive buffer may begin
on any arbitrary byte.
The LAN9211 can be programmed to strip padding from the end of a transmit packet in the event that
the end of the packet does not align with the host burst boundary. This feature is necessary when the
LAN9211 is operating in a system that always performs multi-word bursts. In such cases the LAN9211
must guarantee that it can accept data in multiples of the Burst length regardless of the actual packet
length. When configured to do so, the LAN9211 will accept extra data at the end of the packet and will
remove the extra padding before transmitting the packet. The LAN9211 automatically removes data up
to the boundary specified in the Buffer End Alignment field specified in each TX command.
The host can instruct the LAN9211 to issue an interrupt when the buffer has been fully loaded into the
TX FIFO contained in the LAN9211 and transmitted. This feature is enabled through the TX command
‘Interrupt on Completion’ field.
Upon completion of transmission, irrespective of success or failure, the status of the transmission is
written to the TX status FIFO. TX status is available to the host and may be read using PIO operations.
An interrupt can be optionally enabled by the host to indicate the availability of a programmable
number TX status DWORDS.
Before writing the TX command and payload data to the TX FIFO, the host must check the available
TX FIFO space by performing a PIO read of the TX_FIFO_INF register. The host must ensure that it
does not overfill the TX FIFO or the TX Error (TXE) flag will be asserted.
The host proceeds to write the TX command by first writing TX command ‘A’, then TX command ‘B’.
After writing the command, the host can then move the payload data into the TX FIFO. TX status
DWORD’s are stored in the TX status FIFO to be read by the host at a later time upon completion of
the data transmission onto the wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com