Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 57 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 53Page - SMSC Corporation LAN9211 Datasheet HTML 54Page - SMSC Corporation LAN9211 Datasheet HTML 55Page - SMSC Corporation LAN9211 Datasheet HTML 56Page - SMSC Corporation LAN9211 Datasheet HTML 57Page - SMSC Corporation LAN9211 Datasheet HTML 58Page - SMSC Corporation LAN9211 Datasheet HTML 59Page - SMSC Corporation LAN9211 Datasheet HTML 60Page - SMSC Corporation LAN9211 Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
57
Revision 1.93 (11-27-07)
DATASHEET
3.12.6.2
TX Example 2
In this example, a single 183-Byte Ethernet packet will be transmitted. This packet is in a single buffer
as follows:
2-Byte “Data Start Offset”
183-Bytes of payload data
4-Byte “Buffer End Alignment”
Figure 3.16, "TX Example 2" illustrates the TX command structure for this example, and also shows
how data is passed to the TX data FIFO. Note that the packet resides in a single TX Buffer, therefore
both the FS and LS bits are set in TX command ‘A’.
Figure 3.16 TX Example 2
TX Command 'A'
0
31
TX Command 'B'
Data Written to the
Ethernet Controller
TX Command 'B'
183-Byte Payload Data
Data Start Offset = 6
First Segment = 1
Last Segment = 1
Buffer Size =183
Packet Length = 183
TX Command 'A'
TX Command 'B'
Data Passed to the
TX Data FIFO
Buffer End Alignment = 0
3B End Padding
TX Command 'A'
6-Byte Data Start Offset
183-Byte Payload Data
NOTE: Extra bytes between buffers
are not transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com