Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 69 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 65Page - SMSC Corporation LAN9211 Datasheet HTML 66Page - SMSC Corporation LAN9211 Datasheet HTML 67Page - SMSC Corporation LAN9211 Datasheet HTML 68Page - SMSC Corporation LAN9211 Datasheet HTML 69Page - SMSC Corporation LAN9211 Datasheet HTML 70Page - SMSC Corporation LAN9211 Datasheet HTML 71Page - SMSC Corporation LAN9211 Datasheet HTML 72Page - SMSC Corporation LAN9211 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
69
Revision 1.93 (11-27-07)
DATASHEET
4.2.2
Scrambling
Repeated data patterns (especially the IDLE code-group) can have power spectral densities with large
narrow-band peaks. Scrambling the data helps eliminate these peaks and spread the signal power
more uniformly over the entire channel bandwidth. This uniform spectral density is required by FCC
regulations to prevent excessive EMI from being radiated by the physical wiring.
The scrambler also performs the Parallel In Serial Out conversion (PISO) of the data.
4.2.3
NRZI and MLT3 Encoding
The scrambler block passes the 5-bit wide parallel data to the NRZI converter where it becomes a
serial 125MHz NRZI data stream. The NRZI is encoded to MLT-3. MLT3 is a tri-level code where a
change in the logic level represents a code bit “1” and the logic output remaining at the same level
represents a code bit “0”.
4.2.4
100M Transmit Driver
The MLT3 data is then passed to the analog transmitter, which launches the differential MLT-3 signal,
on outputs TXP and TXN, to the twisted pair media via a 1:1 ratio isolation transformer. The 10Base-
T and 100Base-TX signals pass through the same transformer so that common “magnetics” can be
used for both. The transmitter drives into the 100
Ω impedance of the CAT-5 cable. Cable termination
and impedance matching require external components.
4.2.5
100M Phase Lock Loop (PLL)
The 100M PLL locks onto reference clock and generates the 125MHz clock used to drive the 125 MHz
logic and the 100Base-Tx Transmitter.
01000
V
INVALID, RX_ER if during RX_DV
INVALID
01100
V
INVALID, RX_ER if during RX_DV
INVALID
10000
V
INVALID, RX_ER if during RX_DV
INVALID
Table 4.1 4B/5B Code Table (continued)
CODE
GROUP
SYM
RECEIVER
INTERPRETATION
TRANSMITTER
INTERPRETATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com