Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 29 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 25Page - SMSC Corporation LAN9211 Datasheet HTML 26Page - SMSC Corporation LAN9211 Datasheet HTML 27Page - SMSC Corporation LAN9211 Datasheet HTML 28Page - SMSC Corporation LAN9211 Datasheet HTML 29Page - SMSC Corporation LAN9211 Datasheet HTML 30Page - SMSC Corporation LAN9211 Datasheet HTML 31Page - SMSC Corporation LAN9211 Datasheet HTML 32Page - SMSC Corporation LAN9211 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
29
Revision 1.93 (11-27-07)
DATASHEET
3.6.1
Receive Checksum Offload Engine (RXCOE)
The receive checksum offload engine provides assistance to the CPU by calculating a 16-bit checksum
for a received Ethernet frame. The RXCOE readily supports the following IEEE802.3 frame formats:
Type II Ethernet frames
SNAP encapsulated frames
Support for up to 2, 802.1q VLAN tags
The resulting checksum value can also be modified by software to support other frame formats.
The RXCOE has two modes of operation. In mode 0, the RXCOE calculates the checksum between
the first 14 bytes of the Ethernet frame and the FCS. This is illustrated in Figure 3.3.
In mode 1, the RXCOE supports VLAN tags and a SNAP header. In this mode the RXCOE calculates
the checksum at the start of L3 packet. The VLAN1 tag register is used by the RXCOE to indicate
what protocol type is to be used to indicate the existence of a VLAN tag. This value is typically 8100h.
Example frame configurations:
Figure 3.3 RXCOE Checksum Calculation
Figure 3.4 Type II Ethernet Frame
DST
SRC
T
Y
P
E
Frame Data
F
C
S
Calculate Checksum
DST
SRC
p
r
o
t
0
1
2
3
L3 Packet
F
C
S
Calculate Checksum
1DWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com