Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 65 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 65 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 61Page - SMSC Corporation LAN9211 Datasheet HTML 62Page - SMSC Corporation LAN9211 Datasheet HTML 63Page - SMSC Corporation LAN9211 Datasheet HTML 64Page - SMSC Corporation LAN9211 Datasheet HTML 65Page - SMSC Corporation LAN9211 Datasheet HTML 66Page - SMSC Corporation LAN9211 Datasheet HTML 67Page - SMSC Corporation LAN9211 Datasheet HTML 68Page - SMSC Corporation LAN9211 Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
65
Revision 1.93 (11-27-07)
DATASHEET
3.13.3
RX Status Format
Figure 3.21 RX Packet Format with RX Checksum
BITS
DESCRIPTION
31
Reserved. This bit is reserved. Reads 0.
30
Filtering Fail. When set, this bit indicates that the associated frame failed the address recognizing
filtering.
29:16
Packet Length. The size, in bytes, of the corresponding received frame.
15
Error Status (ES). When set this bit indicates that the MIL has reported an error. This bit is the
Internal logical “or” of bits 11,7,6 and 1.
14
Reserved. These bits are reserved. Reads 0.
13
Broadcast Frame. When set, this bit indicates that the received frame has a Broadcast address.
12
Length Error (LE). When set, this bit indicates that the actual length does not match with the
length/type field of the received frame.
11
Runt Frame. When set, this bit indicates that frame was prematurely terminated before the collision
window (64 bytes). Runt frames are passed on to the host only if the Pass Bad Frames bit MAC_CR
Bit [16] is set.
10
Multicast Frame. When set, this bit indicates that the received frame has a Multicast address.
9:8
Reserved. These bits are reserved. Reads 0.
ofs + First Data DWORD
.
.
.
.
Last Data DWORD
0
31
Host Read
Order
1st
2nd
Last
Optional Pad DWORD0
.
.
Optional Pad DWORDn
Optional offset DWORD0
.
.
Optional offset DWORDn
RX
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com