Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 67 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 63Page - SMSC Corporation LAN9211 Datasheet HTML 64Page - SMSC Corporation LAN9211 Datasheet HTML 65Page - SMSC Corporation LAN9211 Datasheet HTML 66Page - SMSC Corporation LAN9211 Datasheet HTML 67Page - SMSC Corporation LAN9211 Datasheet HTML 68Page - SMSC Corporation LAN9211 Datasheet HTML 69Page - SMSC Corporation LAN9211 Datasheet HTML 70Page - SMSC Corporation LAN9211 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
67
Revision 1.93 (11-27-07)
DATASHEET
Chapter 4 Internal Ethernet PHY
4.1
Top Level Functional Description
Functionally, the internal PHY can be divided into the following sections:
100Base-TX transmit and receive
10Base-T transmit and receive
Internal MII interface to the Ethernet Media Access Controller
Auto-negotiation to automatically determine the best speed and duplex possible
Management Control to read status registers and write control registers
Figure 4.1 100Base-TX Data Path
4.2
100Base-TX Transmit
The data path of the 100Base-TX is shown in Figure 4.1. Each major block is explained below.
4.2.1
4B/5B Encoding
The transmit data passes from the MII block to the 4B/5B encoder. This block encodes the data from
4-bit nibbles to 5-bit symbols (known as “code-groups”) according to Table 4.1. Each 4-bit data-nibble
is mapped to 16 of the 32 possible code-groups. The remaining 16 code-groups are either used for
control information or are not valid.
The first 16 code-groups are referred to by the hexadecimal values of their corresponding data nibbles,
0 through F. The remaining code-groups are given letter designations with slashes on either side. For
example, an IDLE code-group is /I/, a transmit error code-group is /H/, etc.
The encoding process may be bypassed by clearing bit 6 of register 31. When the encoding is
bypassed the 5th transmit data bit is equivalent to TX_ER.
MAC
Tx
Driver
MLT-3
Converter
NRZI
Converter
4B/5B
Encoder
Magnetics
CAT-5
RJ45
100M
PLL
Internal
MII 25 MHz by 4 bits
TX_CLK
25MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
MLT-3
Scrambler
and PISO
125 Mbps Serial
MII
25MHz
by 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com